công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLK2201RCP bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện TLK2201RCP
Giải thích chi tiết về linh kiện  ETHERNET TRANSCEIVERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2201RCP bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button TLK2201RCP Datasheet HTML 6Page - Texas Instruments TLK2201RCP Datasheet HTML 7Page - Texas Instruments TLK2201RCP Datasheet HTML 8Page - Texas Instruments TLK2201RCP Datasheet HTML 9Page - Texas Instruments TLK2201RCP Datasheet HTML 10Page - Texas Instruments TLK2201RCP Datasheet HTML 11Page - Texas Instruments TLK2201RCP Datasheet HTML 12Page - Texas Instruments TLK2201RCP Datasheet HTML 13Page - Texas Instruments TLK2201RCP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATING TABLE
(1)
THERMAL CHARACTERISTICS
TLK2201
TLK2201I
ETHERNET TRANSCEIVERS
SLLS420F – JUNE 2000 – REVISED SEPTEMBER 2007
over operating free-air temperature (unless otherwise noted)
UNIT
Supply voltage, VDD
(2)
-0.3 V to 3 V
Input voltage range at TTL terminals, VI
-0.5 V to 4 V
Input voltage range at any other terminal
-0.3 V to VDD +0.3 V
Storage temperature, Tstg
-65
°C to 150°C
Electrostatic discharge
CDM: 1 kV, HBM:2 kV
TLK2201
0
°C to 70°C
Characterized free-air operating temperature range:
TLK2201I
-40
°C to 85°C
(1)
Stresses beyond those listed under„ absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under„ recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
TA≤ 25°C
OPERATING FACTOR(2)
TA = 70°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
RCP64(3)
5.25 W
46.58 mW/
°C
2.89 W
RCP64(4)
3.17 W
23.70 mW/
°C
1.74 W
RCP64(5)
2.01 W
13.19 mW/
°C
1.11 W
(1)
For more information, refer to TI application note PowerPAD Thermally Enhanced Package, TI literature number SLMA002.
(2)
This is the inverse of the traditional junction-to-ambient thermal resistance (RΘJA).
(3)
2 oz. Trace and copper pad with solder.
(4)
2 oz. Trace and copper pad without solder.
(5)
Standard JEDEC high-K board
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Board-mounted, no air flow, high conductivity TI
recommended test board, chip soldered or greased
21.47
to thermal land
RΘJA
Junction-to-free-air thermal resistance
Board-mounted, no air flow, high conductivity TI
°C/W
recommended test board with thermal land but no
42.20
solder or grease thermal connection to thermal land
Board-mounted, no air flow, JEDEC test board
75.83
Board-mounted, no air flow, high conductivity TI
recommended test board, chip soldered or greased
0.38
to thermal land
RΘJC
Junction-to-case-thermal resistance
Board-mounted, no air flow, high conductivity TI
°C/W
recommended test board with thermal land but no
0.38
solder or grease thermal connection to thermal land
Board-mounted, no air flow, JEDEC test board
7.8
10
Submit Documentation Feedback
Copyright © 2000–2007, Texas Instruments Incorporated
Product Folder Link(s): TLK2201 TLK2201I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com