công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VT2N3 bảng dữ liệu(PDF) 67 Page - PerkinElmer Optoelectronics

tên linh kiện VT2N3
Giải thích chi tiết về linh kiện  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERKINELMER [PerkinElmer Optoelectronics]
Trang chủ  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT2N3 bảng dữ liệu(HTML) 67 Page - PerkinElmer Optoelectronics

Back Button VT2N3 Datasheet HTML 63Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 64Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 65Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 66Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 67Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 68Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 69Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 70Page - PerkinElmer Optoelectronics VT2N3 Datasheet HTML 71Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 76 page
background image
62
Application Notes—Analog Optical Isolators
Limiters
If the magnitude of an AC signal varies over a wide range, it may be
necessary to amplify or compress the signal before any audio
processing can be performed. In other cases, the audio power has to
be limited to prevent damage to an output device. Circuits that perform
this function on a continual basis need a non-linear element to produce
variable gain. However, most non-linear elements introduce distortion.
This is unacceptable in a high fidelity audio circuit and other critical
applications. Using an AOI, simple circuits can be made to perform this
function without introducing distortion or generating any noise.
Signal Limiters
Any circuit that performs as a limiter or compressor must have low gain
when the signal magnitude is high and high gain when the signal is
low. The gain is adjusted so that a wide dynamic range is compressed
into a small one. In other signal processing applications, the signal
may need to be virtually constant.
The circuit such as shown in Figure 4a will keep the output level
constant when the input voltage varies over a range of 50 – 60 db.
Amplifier A1 operates as an inverting amplifier with a gain:
eout / ein = RPHOTOCELL / R1
The feedback resistor is a photocell and has an “off” resistance of 10
megohms, minimum, and an “on” resistance of 5000 ohms with 5.0 mA
in the LED. Using the components shown, the gain of this stage varies
between 500 with no signal and 0.5 with maximum signal applied. R2
limits the maximum gain and is needed to prevent the amplifier, A1
from going open loop when there is no input signal, in which case the
cell “off” resistance is much higher than 10 M
Ω.
Amplifier A2 operates as a high input impedance rectifier that drives
the LED. The forward drop of the LED is 1.6 – 2.0V, and when the peak
output of the rectifier exceeds this value, current will flow into the LED.
As the signal increases, more current flows into the LED, driving the
photocell resistance lower thus decreasing the amplifier gain. The
output of A1 is regulated at a voltage determined by the forward drop of
the LED and the closed loop gain of amplifier A2. A2 amplifies the
signal by a factor of two, and a 1.8V peak (1.27 VRMS) is required to
activate this AOI. This results in the output voltage being held to 0.64
VRMS over a input range of 1 – 600 mV. Changing the value of R4
changes the gain of the rectifier. Omitting R4 will double the output
voltage because the rectifier gain drops to one. Putting a resistor in
series with the LED will cause the regulated voltage to rise as the input
is increased (see Figure 4b). As the amplifier gain changes, the
amplifier bandwidth also changes. When the signal is low, the amplifier
will have the highest gain and lowest bandwidth.
Figure 4a. Peak Sensing Compressor
Figure 4b. Output Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com