công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP8727 bảng dữ liệu(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LP8727
Giải thích chi tiết về linh kiện  Micro/Mini USB Interface with Integrated 28V Charger
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LP8727 bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button LP8727 Datasheet HTML 14Page - Texas Instruments LP8727 Datasheet HTML 15Page - Texas Instruments LP8727 Datasheet HTML 16Page - Texas Instruments LP8727 Datasheet HTML 17Page - Texas Instruments LP8727 Datasheet HTML 18Page - Texas Instruments LP8727 Datasheet HTML 19Page - Texas Instruments LP8727 Datasheet HTML 20Page - Texas Instruments LP8727 Datasheet HTML 21Page - Texas Instruments LP8727 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
LP8727
SNVS898A – OCTOBER 2012 – REVISED MAY 2013
www.ti.com
Table 1. Device Indentification Index (continued)
ID RESISTOR
ADC VALUE
ADC VOLTAGE
D+ CONDITION
D
−CONDITION
VBUS [V]
FUNCTION
[k
Ω]
1001
75.60%
620
Reserved
1000
68.20%
430
Reserved
0111
62.20%
330
Reserved
0110
54.50%
240
Reserved
TA for North
0101
47.40%
180
5
America
0100
39.40%
130
TX
RX
5
UART (Factory)
0011
33.30%
100
Reserved
0010
21.90%
56
D+
D-
5
USB (Factory)
0001
12.50%
28.7
VZW
0000
0%
MIC
Speaker
Speaker
Microphone
0000
0%
GND
D+
D-
USB OTG
DETECTION VALUES with 2.2 k
Ω PULL-UP RESISTOR
1011 to 1000
100% to 68.2%
Reserved
0111 to 0100
62.2% to 39.4%
Typical Microphone
001 to 0001
33.3% to 12.5%
Reserved
0000
0%
GND
D+
D-
USB OTG
DETECTION VALUES with 620
Ω PULL-UP RESISTOR
1011 to 0001
100% to 12.5%
Reserved
0000
0%
GND
D+
D
−
USB OTG
USB DETECTION
The LP8727 can detect dedicated charger, standard downstream port and charging downstream port based on
USB Battery Charging Specification Revision 1.1. In order to avoid false detection before data (D+ and D
−)
connection, the LP8727 supports ‘Data Contact Detect’ feature.
18
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LP8727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com