| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP8550TLX-A/NOPB bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP8550TLX-A/NOPB bảng dữ liệu(HTML) 9 Page - Texas Instruments |
|
9 / 49 page ![]() 0 50 100 150 200 250 300 80 82 84 86 88 90 92 94 96 98 100 IOUT (mA) VBOOST = 30V VBOOST = 35V VBOOST = 40V 6 8 10 12 14 16 18 20 0 200 400 600 800 1,000 1,200 VBATT (V) LOAD = 150 mA VBOOST = 30V VBOOST = 35V VBOOST = 40V 0 10 20 30 40 50 60 70 80 90 100 60 65 70 75 80 85 90 95 100 DUTY CYCLE (%) VIN = 9V VIN = 12V 0 10 20 30 40 50 60 70 80 90 100 60 65 70 75 80 85 90 95 100 DUTY CYCLE (%) VIN = 9V VIN = 12V LP8550 www.ti.com SNVS657E – SEPTEMBER 2010 – REVISED SEPTEMBER 2014 I 2C Serial Bus Timing Parameters (SDA, SCLK) (1) (continued) MIN MAX UNIT Capacitive load parameter for each bus line Cb 10 200 ns Load of 1 pF corresponds to 1 ns. Figure 1. I2C Timing Diagram 7.12 Typical Characteristics Unless otherwise specified: VBATT = 12 V, CVLDO = 1 μF, L1 = 33 μH, CIN = 10 μF, COUT = 10 μF fLED = 9.6 kHz fLED = 9.6 kHz L1 = 15 µH Figure 2. LED Drive Efficiency Figure 3. LED Drive Efficiency Figure 4. Boost Converter Efficiency Figure 5. Battery Current Copyright © 2010–2014, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: LP8550 |