công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP8545SQX/NOPB bảng dữ liệu(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LP8545SQX/NOPB
Giải thích chi tiết về linh kiện  High-Efficiency LED Backlight Driver for Notebooks
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LP8545SQX/NOPB bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button LP8545SQX/NOPB Datasheet HTML 9Page - Texas Instruments LP8545SQX/NOPB Datasheet HTML 10Page - Texas Instruments LP8545SQX/NOPB Datasheet HTML 11Page - Texas Instruments LP8545SQX/NOPB Datasheet HTML 12Page - Texas Instruments LP8545SQX/NOPB Datasheet HTML 13Page - Texas Instruments LP8545SQX/NOPB Datasheet HTML 14Page - Texas Instruments LP8545SQX/NOPB Datasheet HTML 15Page - Texas Instruments LP8545SQX/NOPB Datasheet HTML 16Page - Texas Instruments LP8545SQX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
LP8545
www.ti.com
SNVS635D – APRIL 2010 – REVISED DECEMBER 2013
FUNCTIONAL DESCRIPTION
LP8545 is a high voltage LED driver for medium sized LCD backlight applications. It includes high voltage boost
converter which can be used either with internal FET or with external FET depending on boost output voltage
requirements. Boost voltage automatically sets to the correct level needed to drive the LED strings. This is done
by monitoring LED output voltage drop in real time.
Six constant current sinks with PWM control are used for driving LEDs. Constant current value is set with
EEPROM bits and with RISET resistor. Brightness (PWM) is controlled either with I
2C register or with PWM input.
PWM frequencies are set with EEPROM bits and with RFSET resistor. Special Phase-Shift PWM mode can be
used to reduce boost output current peak, thus reducing output ripple, capacitor size and audible noise.
With LP8545 it is possible to synchronize the PWM output frequency to VSYNC signal received from video
processor. Internal PLL ensures that the PWM output clock is always synchronized to the VSYNC signal.
Special dithering mode makes it possible to increase output resolution during fading between two brightness
values and by this making the transition look very smooth with virtually no stepping. Transition slope time can be
adjusted with EEPROM bits.
Safety features include LED fault detection with open and short detection. LED fault detection will prevent system
overheating in case of open in some of the LED strings. Chip internal temperature is constantly monitored and
based on this LP8545 can reduce the brightness of the backlight to reduce thermal loading once certain trip point
is reached. Threshold is programmable in EEPROM. If chip internal temperature reaches too high, the boost
converter and LED outputs are completely turned off until the internal temperature has reached acceptable level.
Boost converter is protected against too high load current and over-voltage. LP8545 notifies the system about
the fault through I2C register and with FAULT pin.
EEPROM programmable functions include:
•
PWM frequencies
•
Phase shift PWM mode
•
LED constant current
•
Boost output frequency
•
Temperature thresholds
•
Slope for brightness changes
•
Dithering options
•
PWM output resolution
•
Boost control bits
External components RISET and RFSET can also be used for selecting the output current and PWM frequencies.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP8545



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com