| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLK2701IRCPR bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLK2701IRCPR bảng dữ liệu(HTML) 6 Page - Texas Instruments |
|
6 / 27 page ![]() TLK2701 1.6 TO 2.7 GBPS TRANSCEIVER SLLS429D − AUGUST 2000 − REVISED MARCH 2008 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 detailed description (continued) transmit data bus The transmit bus interface accepts 16-bit single-ended TTL parallel data at the TXD[0:15] terminals. Data and k-code control is valid on the rising edge of the GTX_CLK. The GTX_CLK is used as the word clock. The data, k-code, and clock signals must be properly aligned as shown in Figure 2. Detailed timing information can be found in the electrical characteristics table. GTX_CLK TXD[0−15] tsu th TXLSB, TXMSB Figure 2. Transmit Timing Waveform transmission latency The data transmission latency of the TLK2701 is defined as the delay from the initial 16-bit word load to the serial transmission of bit 0. The transmit latency is fixed once the link is established. However, due to silicon process variations and implementation variables such as supply voltage and temperature, the exact delay will vary slightly. The minimum transmit latency (Tlatency ) is 34 bit times; the maximum is 38 bit times. Figure 3 illustrates the timing relationship between the transmit data bus, the GTX_CLK and serial transmit terminals. 16 bit Word to Transmit Transmitted 20 bit Word DOUTTXP, DOUTTXN TXD[0−15] GTX_CLK (Tlatency)† Figure 3. Transmitter Latency 8-bit/10-bit encoder All true serial interfaces require a method of encoding to insure minimum transition density so that the receiving PLL has a minimal number of transitions to stay locked on. The encoding scheme maintains the signal dc balance by keeping the number of ones and zeros the same. This provides good transition density for clock recovery and improves error checking. The TLK2701 uses the 8-bit/10-bit encoding algorithm that is used by fibre channel and gigabit ethernet. This is transparent to the user, as the TLK2701 internally encodes and decodes the data such that the user reads and writes actual 16-bit data. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |