công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VT83N3 bảng dữ liệu(PDF) 68 Page - PerkinElmer Optoelectronics

tên linh kiện VT83N3
Giải thích chi tiết về linh kiện  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERKINELMER [PerkinElmer Optoelectronics]
Trang chủ  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT83N3 bảng dữ liệu(HTML) 68 Page - PerkinElmer Optoelectronics

Back Button VT83N3 Datasheet HTML 64Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 65Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 66Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 67Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 68Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 69Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 70Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 71Page - PerkinElmer Optoelectronics VT83N3 Datasheet HTML 72Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 76 page
background image
63
Application Notes—Analog Optical Isolators
Figure 5. Peak Sensing Compressor with Constant Bandwidth
Variable bandwidth can be avoided if the AOI is used in a voltage
divider circuit at the input of a fixed gain amplifier. For the same range
of input signals, the amplifier gain must be 500 and the voltage divider
must have a range of 1000:1. This configuration is shown in Figure 5.
The AOI has been changed to a lower resistance unit to be able to
work over the wider range. Also, A1 is now a high input impedance,
non-inverting stage to avoid a high insertion loss. This circuit is useful
when the input voltage is high, which allows the use of a lower gain
amplifier.
Speaker Power Limiting
Speakers that are driven from high power amplifiers must be protected
from excess drive. While ordinary program levels may be well within
the rating of the speaker, peaks do occur that can be destructive. The
simplest solution is to use a compressor or limiter. Unfortunately, the
maximum power that may be applied is not constant over the
frequency range. Therefore, the limit must be set to provide protection
at the lowest frequency that is expected.
To understand the requirements for effective speaker protection, a brief
review of speaker power limitations follows. Figure 7 is a typical
maximum sine wave voltage limit for a low frequency speaker
commonly called a “woofer”. Above 200 Hz, the maximum allowed
voltage or power is constant. The operating temperature at which wire
insulation and coil bonding fail establishes this value. Below 200 Hz,
the voltage limit is determined by the allowable diaphragm excursion.
For constant voltage on the speaker, the displacement doubles when
the frequency is reduced by half. The maximum displacement is
determined by the mechanical design of the speaker and exceeding
the limit will produce extreme distortion and may even cause
mechanical damage.
Figure 7. Maximum sine wave Voltage and Power for a Typical Woofer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com