| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV2211CDBVTG4 bảng dữ liệu(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV2211CDBVTG4 bảng dữ liệu(HTML) 15 Page - Texas Instruments |
|
15 / 31 page ![]() SLOS156E − MAY 1996 − REVISED SEPTEMBER 2006 TLV2211, TLV2211Y Advanced LinCMOS RAILTORAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS 15 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 15 HIGH-LEVEL OUTPUT VOLTAGE†‡ vs HIGH-LEVEL OUTPUT CURRENT | IOH | − High-Level Output Current − µA 3 2 1 0 0 200 400 600 4 5 800 1000 TA = − 40°C TA = 25°C TA = 125°C TA = 85°C VDD = 5 V VIC = 2.5 V Figure 16 LOW-LEVEL OUTPUT VOLTAGE†‡ vs LOW-LEVEL OUTPUT CURRENT IOL − Low-Level Output Current − mA 0.6 0.4 0.2 0 01 2 3 1 1.2 1.4 45 6 0.8 VDD = 5 V VIC = 2.5 V TA = − 40°C TA = 85°C TA = 25°C TA = 125°C Figure 17 f − Frequency − Hz MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE‡ vs FREQUENCY 4 2 1 5 3 0 RI = 10 kΩ TA = 25°C VDD = 5 V VDD = 3 V 102 103 104 Figure 18 SHORT-CIRCUIT OUTPUT CURRENT vs SUPPLY VOLTAGE VDD − Supply Voltage − V 10 6 2 234 5 14 16 67 8 12 8 4 0 −2 VID = − 100 mV VID = 100 mV VO = VDD/2 VIC = VDD/2 TA = 25°C † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. ‡ For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V. |