| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE2071A bảng dữ liệu(PDF) 65 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2071A bảng dữ liệu(HTML) 65 Page - Texas Instruments |
|
65 / 89 page ![]() TLE207x, TLE207xA EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS SLOS181C − FEBRUARY 1997 − REVISED DECEMBER 2009 65 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 66 0 − 5 − 10 − 15 01 5 10 NONINVERTING LARGE-SIGNAL PULSE RESPONSE† 15 24 5 VCC ± = ± 15 V AV = 1 RL = 2 kΩ CL = 100 pF TA = 25°C, 125 °C TA = 25°C, 125 °C TA = − 55°C 3 TA = − 55°C t − Time − μs Figure 67 0 − 50 −100 0 0.4 0.8 50 SMALL-SIGNAL PULSE RESPONSE 100 1.2 1.6 t − Time − μs AV = − 1 RL = 2 kΩ CL = 100 pF TA = 25°C VCC ± = ± 15 V Figure 68 CLOSED-LOOP OUTPUT IMPEDANCE vs FREQUENCY 0.001 10 100 1 k 10 k 100 k 1 M 10 M f − Frequency − Hz 1 0.1 10 100 AV = 100 AV = 10 AV = 1 VCC ± = ± 15 V TA = 25°C 0.01 Figure 69 100 60 40 20 140 80 10 100 1 k 10 k 100 k 120 f − Frequency − Hz VCC ± = ± 15 V VIC = 0 RL = 2 kΩ TA = 25°C TLE2072 AND TLE2074 CROSSTALK ATTENUATION vs FREQUENCY † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |