| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VT83CT bảng dữ liệu(PDF) 9 Page - PerkinElmer Optoelectronics |
|
|
|||||||||||||||||||||||||||||
VT83CT bảng dữ liệu(HTML) 9 Page - PerkinElmer Optoelectronics |
|
9 / 76 page ![]() 4 Photoconductive Cell Typical Application Circuits Ambient Light Measurement Camera Exposure Meter (VT900) Brightness Control (VT900) DC Relay Rear View Mirror Control (VT200) Head Light Dimmer (VT300 or VT800) AC Relay Night Light Control (VT800 or VT900) Street Light Control (VT400) Flame Detector (VT400 or 500) Object Sensing / Measurement Beam Breaking Applications (VT800) Security Systems (VT800 or VT900) Colorimetric Test Equipment (VT200 or VT300) Densitometer (VT200 or VT300) Bridge Circuits Auto Focus (VT300CT or VT800CT) Electronic Scales (VT300CT or VT800CT) Photoelectric Servo (VT300CT or VT800CT) |