| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPV324D bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LPV324D bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 23 page ![]() LPV321 SINGLE, LPV358 DUAL, LPV324 QUAD GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS SLOS433I − FEBRUARY 2004 − REVISED MARCH 2005 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions MIN MAX UNIT VCC Supply voltage 2.7 5 V T Operating free air temperature LPV3xx −40 85 °C TA Operating free-air temperature LPV3xxI −40 125 °C ESD protection TEST CONDITIONS TYP UNIT Human-Body Model 2 kV Machine model 200 V Charged-Device Model 1 kV Not Recommended for New Designs |