công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HV230GA-G bảng dữ liệu(PDF) 2 Page - Supertex, Inc

tên linh kiện HV230GA-G
Giải thích chi tiết về linh kiện  Low Charge Injection, 8-Channel, High Voltage Analog Switches with Bleed Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUTEX [Supertex, Inc]
Trang chủ  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV230GA-G bảng dữ liệu(HTML) 2 Page - Supertex, Inc

  HV230GA-G Datasheet HTML 1Page - Supertex, Inc HV230GA-G Datasheet HTML 2Page - Supertex, Inc HV230GA-G Datasheet HTML 3Page - Supertex, Inc HV230GA-G Datasheet HTML 4Page - Supertex, Inc HV230GA-G Datasheet HTML 5Page - Supertex, Inc HV230GA-G Datasheet HTML 6Page - Supertex, Inc HV230GA-G Datasheet HTML 7Page - Supertex, Inc HV230GA-G Datasheet HTML 8Page - Supertex, Inc HV230GA-G Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-HV230
C071613
HV230
Absolute Maximum Ratings
Parameter
Value
V
DD logic power supply voltage
-0.5V to +15V
V
PP - VNN supply voltage
220V
V
PP positive high voltage supply
-0.5V to V
NN +200V
V
NN negative high voltage supply
+0.5V to -200V
Logic input voltages
-0.5V to V
DD +0.3V
Analog signal range
V
NN to VPP
Peak analog signal current/channel
3.0A
Storage temperature
-65OC to +150OC
Power dissipation:
26-Lead LLGA
26-Ball fpBGA
1.0W
1.0W
Absolute Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied. Continuous operation of the device
at the absolute rating level may affect device reliability. All voltages are referenced to device
ground.
Pin Configuration
Product Marking
26-Ball fpBGA
(top view)
26-Ball fpBGA
YY = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YYWW
HV230GA
LLLLLLL
A
B
C
D
E
F
G
H
1
2
3
4
5
6
7
8
9
26-Lead LLGA
YY = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YYWW
HV230G1
LLLLLLLL
26-Lead LLGA
(top view)
1
26
2
18
10
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
Ordering Information
Part Number
Package Option
Packing
HV230G1-G
26-Lead LLGA
400/Tray
HV230GA-G
26-Ball fpBGA
Consult factory
-G denotes a lead (Pb)-free / RoHS compliant package
Typical Thermal Resistance
Package
θ
ja
26-Lead LLGA
41OC/W
26-Ball fpBGA
-
Operating Conditions
Sym
Parameter
Value
V
DD
Logic power supply voltage 1,3
4.5V to 13.2V
V
PP
Positive high voltage supply 1,3
40V to V
NN +200V
V
NN
Negative high voltage supply 1,3
-40V to -160V
V
IH
High level input voltage
V
DD -1.5V to VDD
V
IL
Low-level input voltage
0V to 1.5V
V
SIG
Analog signal voltage peak-to-peak2
V
NN +10V to VPP -10V
T
A
Operating free air temperature
0OC to 70OC
Notes:
1.
Power up/down sequence is arbitrary except GND must be powered-up first and powered-down last.
2.
V
SIG must be VNN ≤ VSIG ≤ VPP or floating during power up/down transition.
3.
Rise and fall times of power supplies V
DD, VPP, and VNN should not be less than 1.0msec.



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com