| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP2953IMX/NOPB bảng dữ liệu(PDF) 31 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP2953IMX/NOPB bảng dữ liệu(HTML) 31 Page - Texas Instruments |
|
31 / 41 page ![]() Ground VOUT VIN Input Capacitor Output Capacitor GND NC OUT SENSE VTAP GROUND FEEDBACK IN Error Pullup Resistor Vout SHUTDOWN ERROR NC GROUND GROUND REFERENCE NC NC LP2952-N, LP2952A, LP2953, LP2953A www.ti.com SNVS095F – MAY 2004 – REVISED MARCH 2015 10 Layout 10.1 Layout Guidelines For best overall performance, place all circuit components on the same side of the circuit board and as near as practical to the respective LDO pin connections. Place ground return connections to the input and output capacitors, and to the LDO ground pin as close to each other as possible, connected by a wide, component-side, copper surface. The use of vias and long traces to create LDO circuit connections is strongly discouraged and negatively affects system performance. This grounding and layout scheme minimizes inductive parasitics, and thereby reduces load-current transients, minimizes noise, and increases circuit stability. A ground reference plane is also recommended and is either embedded in the PCB itself or located on the bottom side of the PCB opposite the components. This reference plane serves to assure accuracy of the output voltage, shield noise, and behaves similar to a thermal plane to spread (or sink) heat from the LDO device. In most applications, this ground plane is necessary to meet thermal requirements. 10.2 Layout Example Figure 46. Layout Schematic Copyright © 2004–2015, Texas Instruments Incorporated Submit Documentation Feedback 31 Product Folder Links: LP2952-N LP2952A LP2953 LP2953A |