công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP2953IM/NOPB bảng dữ liệu(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LP2953IM/NOPB
Giải thích chi tiết về linh kiện  LP295x Adjustable Micropower Low-Dropout Voltage Regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LP2953IM/NOPB bảng dữ liệu(HTML) 33 Page - Texas Instruments

Back Button LP2953IM/NOPB Datasheet HTML 29Page - Texas Instruments LP2953IM/NOPB Datasheet HTML 30Page - Texas Instruments LP2953IM/NOPB Datasheet HTML 31Page - Texas Instruments LP2953IM/NOPB Datasheet HTML 32Page - Texas Instruments LP2953IM/NOPB Datasheet HTML 33Page - Texas Instruments LP2953IM/NOPB Datasheet HTML 34Page - Texas Instruments LP2953IM/NOPB Datasheet HTML 35Page - Texas Instruments LP2953IM/NOPB Datasheet HTML 36Page - Texas Instruments LP2953IM/NOPB Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
LP2952-N, LP2952A, LP2953, LP2953A
www.ti.com
SNVS095F – MAY 2004 – REVISED MARCH 2015
Power Dissipation: Heatsink Requirements (Industrial Temperature Range Devices) (continued)
The heatsink is made using the PC board copper. The heat is conducted from the die, through the lead frame
(inside the part), and out the pins which are soldered to the PC board. The pins used for heat conduction are
given in Table 2.
Table 2. Heat Conducting Pins
PART
PACKAGE
PINS
LP2953IN, LP2953AIN
16-pin PDIP
4, 5, 12, 13
LP2953IN-3.3, LP2953AIN-3.3
LP2952IM, LP2952AIM
LP2952IM-3.3, LP2952AIM-3.3
16-pin surface mount (SOIC)
1, 8, 9, 16
LP2953IM, LP2953AIM
LP2953IM-3.3, LP2953AIM-3.3
Figure 49 shows copper patterns which may be used to dissipate heat from the LP2952 and LP2953.
* For best results, use L = 2H.
** 14-Pin PDIP is similar, see Table 2 for pins designated for heatsinking.
Figure 49. Copper Heatsink Patterns
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LP2952-N LP2952A LP2953 LP2953A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41