| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP2953IM bảng dữ liệu(PDF) 35 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP2953IM bảng dữ liệu(HTML) 35 Page - Texas Instruments |
|
35 / 41 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 27-Jul-2016 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LP2952AIM NRND SOIC D 16 48 TBD Call TI Call TI -40 to 125 LP2952AIM LP2952AIM-3.3/NOPB LIFEBUY SOIC D 16 48 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LP2952AIM -3.3 LP2952AIM/NOPB ACTIVE SOIC D 16 48 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LP2952AIM LP2952AIMX/NOPB ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LP2952AIM LP2952IM NRND SOIC D 16 48 TBD Call TI Call TI -40 to 125 LP2952IM LP2952IM/NOPB ACTIVE SOIC D 16 48 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LP2952IM LP2952IMX-3.3/NOPB LIFEBUY SOIC D 16 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LP2952IM -3.3 LP2952IMX/NOPB ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LP2952IM LP2953AIM/NOPB ACTIVE SOIC D 16 48 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LP2953AIM LP2953AIMX/NOPB ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LP2953AIM LP2953IM NRND SOIC D 16 48 TBD Call TI Call TI -40 to 125 LP2953IM LP2953IM/NOPB ACTIVE SOIC D 16 48 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LP2953IM LP2953IMX/NOPB ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LP2953IM LP2953IN/NOPB ACTIVE PDIP NBG 16 20 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM -40 to 125 LP2953IN (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. |