công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP2952IMX/NOPB bảng dữ liệu(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LP2952IMX/NOPB
Giải thích chi tiết về linh kiện  LP295x Adjustable Micropower Low-Dropout Voltage Regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LP2952IMX/NOPB bảng dữ liệu(HTML) 15 Page - Texas Instruments

Back Button LP2952IMX/NOPB Datasheet HTML 11Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 12Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 13Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 14Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 15Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 16Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 17Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 18Page - Texas Instruments LP2952IMX/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
LP2952-N, LP2952A, LP2953, LP2953A
www.ti.com
SNVS095F – MAY 2004 – REVISED MARCH 2015
Functional Block Diagrams (continued)
Figure 29. LP2953 Block Diagram
7.3 Feature Description
7.3.1 Fixed Voltage Options and Programmable Voltage Version
The LP2952 and LP2953 provide 2 fixed output options: 3.3 V and 5 V. To meet different requirements for the
application, they can also be used as programmable voltage regulators with external resistor networks; see
Application Information for more details.
7.3.2 High-Accuracy Output Voltage
With special and careful design to minimize all contributions to the output voltage error, the LP2952 and LP2953
distinguished themselves as very high output voltage accuracy micropower LDO. This includes a tight initial
tolerance (0.5% typical), extremely good load and line regulation, and a very low output voltage temperature
coefficient, making the part an ideal a low-power voltage reference.
7.3.3 Error Detection Comparator Output
The LP2952 and LP2953 will generate a logic low output when the output falls out of regulation by more than
approximately 5%. See Application Information for more details.
7.3.4 Auxiliary Comparator
An auxiliary comparator is designed for customer special purpose when shutdown is activated. This block is still
active and can be used to generate fault detection, low input line detection signal for system controllers. The
comparator output level is CMOS- or TTL-compatible. See Application Information for more details.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP2952-N LP2952A LP2953 LP2953A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com