công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CLC5902VLA bảng dữ liệu(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện CLC5902VLA
Giải thích chi tiết về linh kiện  Dual Digital Tuner/AGC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5902VLA bảng dữ liệu(HTML) 19 Page - National Semiconductor (TI)

Back Button CLC5902VLA Datasheet HTML 15Page - National Semiconductor (TI) CLC5902VLA Datasheet HTML 16Page - National Semiconductor (TI) CLC5902VLA Datasheet HTML 17Page - National Semiconductor (TI) CLC5902VLA Datasheet HTML 18Page - National Semiconductor (TI) CLC5902VLA Datasheet HTML 19Page - National Semiconductor (TI) CLC5902VLA Datasheet HTML 20Page - National Semiconductor (TI) CLC5902VLA Datasheet HTML 21Page - National Semiconductor (TI) CLC5902VLA Datasheet HTML 22Page - National Semiconductor (TI) CLC5902VLA Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
©1999 National Semiconductor Corporation
19
Rev. 3.05 May 27, 1999
mitted first. When this mode is selected, the I/Q samples
are packed regardless of the state of MUX_MODE, and
the data is sent as mI/eI/eQ/mQ which allows the two
exponents to form an 8-bit word. This is shown in Figure
29(d). For all formats, once the defined length of the word
is complete, SCK stops toggling.
Parallel Outputs
Output data from the channels can also be taken from a
16-b it par allel po rt. A 3-bit w ord a pplie d to the
POUT_SEL[2:0] pins determines which 16-bit segment is
multiplexed to the parallel port. Table 3 defines this map-
ping. To allow for bussing of multiple chips, the parallel
port is tri-stated unless POUT_EN is low. The RDY sig-
nal indicates the start of an OSP and that new data is ready
at the parallel output. The user has one OSP to cycle
through whichever registers are needed. The RATE regis-
ter must be set so that each OSP is at least 5 SCK periods.
Parallel Port Output Numeric Formats
The I/Q samples can be rounded to 16 or 24 bits or the full
32 bit word can be read. By setting the word size to 32 bits
it is possible to read out the top 16 bits and only observe
the top 8 bits if desired. Additionally, the output samples
can be formatted as floating point numbers with an 8-bit
mantissa and a 4 bit exponent. For the fixed-point formats,
the valid bits are justified into the MSBs of the registers of
Table 3 and all other bits are set to zero. For the floating
point format, the valid bits are placed in the upper 16 bits
of the appropriate channel register using the format 0000/
eI/mI for the I samples.
SCK
SFS
AOUT
I15
I14
I1
I0
Q15
Q14
(a) UNPACKED MODE, FRAME SYNC AT THE START OF EACH WORD
SCK
SFS
AOUT
I15
I14
I1
I0
Q15
Q14
(b) PACKED MODE, ONE FRAME SYNC AT THE START OF EACH DOUBLE-WORD TRANSFER
clock stops and data is zero after transfers are complete
RDY
(c) ONE OR TWO CHANNEL MUX MODES (PACKED MODE IS ON)
SFS
AOUT
AOUT
MUX_MODE=0
MUX_MODE=1
Output Sample Period (OSP)
Q1
Q0
Q1
Q0
IA
QA
SFS
IA
QA
IB
QB
IA
QA
IB
QB
IA
QA
SCK
SFS
AOUT
mI7
eI3
eI0
eQ3
(d) FLOATING POINT FORMAT
eQ0
mQ0
mI0
mQ7
leading edge of RDY aligns with leading edge of SFS
Figure 29
Serial output formats. Refer to Figure 9 for detailed timing information
RDY is 4 CK periods wide
mI6
eI2
clock stops and data is zero after transfers are complete
clock stops and data is zero after transfers are complete
POUT_SEL
Normal Register
Contents
Floating Point
Register Contents
0
IA upper 16 bits
0000/eIA/mIA
1
IA lower 16 bits
0x0000
2
QA upper 16 bits
0000/eQA/mQA
3
QA lower 16 bits
0x0000
4
IB upper 16 bits
0000/eIB/mIB
5
IB lower 16 bits
0x0000
6
QB upper 16 bits
0000/eQB/mQB
7
QB lower 16 bits
0x0000
Table 3
Register Selection for Parallel Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com