| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP2989IMM-3.3/NOPB bảng dữ liệu(PDF) 24 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP2989IMM-3.3/NOPB bảng dữ liệu(HTML) 24 Page - Texas Instruments |
|
24 / 34 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 9-Aug-2016 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LP2989AIMMX-5.0/NOPB ACTIVE VSSOP DGK 8 3500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LA4A LP2989AIMX-2.5/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 2989A IM2.5 LP2989AIMX-3.0/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 2989A IM3.0 LP2989AIMX-3.3/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 2989A IM3.3 LP2989AIMX-5.0/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 2989A IM5.0 LP2989ILD-2.5 NRND WSON NGN 8 TBD Call TI Call TI -40 to 125 L01FA B LP2989ILD-2.5/NOPB ACTIVE WSON NGN 8 1000 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L01FA B LP2989ILD-3.0/NOPB ACTIVE WSON NGN 8 1000 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L01HA B LP2989ILD-3.3 NRND WSON NGN 8 TBD Call TI Call TI -40 to 125 L01JA B LP2989ILD-3.3/NOPB ACTIVE WSON NGN 8 1000 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L01JA B LP2989ILD-5.0/NOPB ACTIVE WSON NGN 8 1000 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L01KA B LP2989ILDX-3.3 NRND WSON NGN 8 TBD Call TI Call TI -40 to 125 L01JA B LP2989ILDX-3.3/NOPB ACTIVE WSON NGN 8 4500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L01JA B LP2989ILDX-5.0/NOPB ACTIVE WSON NGN 8 4500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L01KA B LP2989IM-2.5 NRND SOIC D 8 95 TBD Call TI Call TI -40 to 125 2989 IM2.5 LP2989IM-2.5/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 2989 IM2.5 LP2989IM-3.0/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 2989 IM3.0 LP2989IM-3.3 NRND SOIC D 8 95 TBD Call TI Call TI -40 to 125 2989 IM3.3 |