công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP2989IMM-3.0/NOPB bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LP2989IMM-3.0/NOPB
Giải thích chi tiết về linh kiện  Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LP2989IMM-3.0/NOPB bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LP2989IMM-3.0/NOPB Datasheet HTML 1Page - Texas Instruments LP2989IMM-3.0/NOPB Datasheet HTML 2Page - Texas Instruments LP2989IMM-3.0/NOPB Datasheet HTML 3Page - Texas Instruments LP2989IMM-3.0/NOPB Datasheet HTML 4Page - Texas Instruments LP2989IMM-3.0/NOPB Datasheet HTML 5Page - Texas Instruments LP2989IMM-3.0/NOPB Datasheet HTML 6Page - Texas Instruments LP2989IMM-3.0/NOPB Datasheet HTML 7Page - Texas Instruments LP2989IMM-3.0/NOPB Datasheet HTML 8Page - Texas Instruments LP2989IMM-3.0/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LP2989
SNVS083O – FEBRUARY 2005 – REVISED MARCH 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
If Military/Aerospace specified devices are required contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(1)
MIN
MAX
UNIT
Operating junction temperature
–40
125
°C
Power dissipation(2)
Internally Limited
Input supply voltage
Survival
–0.3
16
V
SENSE pin
–0.3
6
V
Output voltage
Survival(3)
–0.3
16
V
IOUT (Survival)
Short-circuit protected
Input-output voltage
Survival(4)
–0.3
16
V
Storage temperature range, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance, RθJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using: P(MAX) = (TJ(MAX) – TA) / RθJA. The value RθJA for the WSON (NGN) package is specifically dependent on PCB trace area, trace
material, and the number of layers and thermal vias. For improved thermal resistance and power dissipation for the WSON package,
refer to Application Note AN-1187 Leadless Leadframe Package (LLP) (SNOA401).. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown.
(3)
If used in a dual-supply system where the regulator load is returned to a negative supply, the LP2989 output must be diode-clamped to
ground.
(4)
The output PNP structure contains a diode between the IN and OUT pins that is normally reverse-biased. Forcing the output above the
input will turn on this diode and may induce a latch-up mode which can damage the part.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
4
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LP2989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com