công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP2989 bảng dữ liệu(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LP2989
Giải thích chi tiết về linh kiện  Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LP2989 bảng dữ liệu(HTML) 24 Page - Texas Instruments

Back Button LP2989 Datasheet HTML 20Page - Texas Instruments LP2989 Datasheet HTML 21Page - Texas Instruments LP2989 Datasheet HTML 22Page - Texas Instruments LP2989 Datasheet HTML 23Page - Texas Instruments LP2989 Datasheet HTML 24Page - Texas Instruments LP2989 Datasheet HTML 25Page - Texas Instruments LP2989 Datasheet HTML 26Page - Texas Instruments LP2989 Datasheet HTML 27Page - Texas Instruments LP2989 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
9-Aug-2016
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LP2989AIMMX-5.0/NOPB
ACTIVE
VSSOP
DGK
8
3500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
LA4A
LP2989AIMX-2.5/NOPB
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
2989A
IM2.5
LP2989AIMX-3.0/NOPB
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
2989A
IM3.0
LP2989AIMX-3.3/NOPB
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
2989A
IM3.3
LP2989AIMX-5.0/NOPB
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
2989A
IM5.0
LP2989ILD-2.5
NRND
WSON
NGN
8
TBD
Call TI
Call TI
-40 to 125
L01FA
B
LP2989ILD-2.5/NOPB
ACTIVE
WSON
NGN
8
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
L01FA
B
LP2989ILD-3.0/NOPB
ACTIVE
WSON
NGN
8
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
L01HA
B
LP2989ILD-3.3
NRND
WSON
NGN
8
TBD
Call TI
Call TI
-40 to 125
L01JA
B
LP2989ILD-3.3/NOPB
ACTIVE
WSON
NGN
8
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
L01JA
B
LP2989ILD-5.0/NOPB
ACTIVE
WSON
NGN
8
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
L01KA
B
LP2989ILDX-3.3
NRND
WSON
NGN
8
TBD
Call TI
Call TI
-40 to 125
L01JA
B
LP2989ILDX-3.3/NOPB
ACTIVE
WSON
NGN
8
4500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
L01JA
B
LP2989ILDX-5.0/NOPB
ACTIVE
WSON
NGN
8
4500
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
L01KA
B
LP2989IM-2.5
NRND
SOIC
D
8
95
TBD
Call TI
Call TI
-40 to 125
2989
IM2.5
LP2989IM-2.5/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
2989
IM2.5
LP2989IM-3.0/NOPB
ACTIVE
SOIC
D
8
95
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
2989
IM3.0
LP2989IM-3.3
NRND
SOIC
D
8
95
TBD
Call TI
Call TI
-40 to 125
2989
IM3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34