| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CL520 bảng dữ liệu(PDF) 5 Page - Supertex, Inc |
|
|
|||||||||||||||||||||||||||||
CL520 bảng dữ liệu(HTML) 5 Page - Supertex, Inc |
|
5 / 6 page ![]() 5 CL520 Supertex inc. www.supertex.com Doc.# DSFP-CL520 A052013 3-Lead TO-252 D-PAK Package Outline (K4) Note: 1. Although 4 terminal locations are shown, only 3 are functional. Lead number 2 was removed. 1 2 3 4 L4 L5 b b2 e D1 E1 L1 L Seating Plane A1 Gauge Plane θ D E View B Front View Side View Rear View View B θ1 H c2 A L3 L2 b3 Note 1 Symbol A A1 b b2 b3 c2 D D1 E E1 e H L L1 L2 L3 L4 L5 θ θ1 Dimen- sion (inches) MIN .086 .000* .025 .030 .195 .018 .235 .205 .250 .170 .090 BSC .370 .055 .108 REF .020 BSC .035 .025* .045 0O 0O NOM - - - - - - .240 - - - - .060 - - - - - MAX .094 .005 .035 .045 .215 .035 .245 .217* .265 .182* .410 .070 .050 .040 .060 10O 15O JEDEC Registration TO-252, Variation AA, Issue E, June 2004. * This dimension is not specified in the JEDEC drawing. Drawings not to scale. Supertex Doc. #: DSPD-3TO252K4, Version E041309. |