| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC080AIPE4 bảng dữ liệu(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC080AIPE4 bảng dữ liệu(HTML) 28 Page - Texas Instruments |
|
28 / 53 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 24-Sep-2015 Addendum-Page 3 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TLC082CDGN ACTIVE MSOP- PowerPAD DGN 8 80 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ADZ TLC082CDGNG4 ACTIVE MSOP- PowerPAD DGN 8 80 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ADZ TLC082CDGNR ACTIVE MSOP- PowerPAD DGN 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ADZ TLC082CDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 C082C TLC082CDRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 C082C TLC082CP ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 C082C TLC082ID ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 C082I TLC082IDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 C082I TLC082IDGN ACTIVE MSOP- PowerPAD DGN 8 80 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 AEA TLC082IDGNG4 ACTIVE MSOP- PowerPAD DGN 8 80 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 AEA TLC082IDGNR ACTIVE MSOP- PowerPAD DGN 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 AEA TLC082IDGNRG4 ACTIVE MSOP- PowerPAD DGN 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 AEA TLC082IDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 C082I TLC082IDRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 C082I TLC082IP ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -40 to 125 C082I TLC082IPE4 ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -40 to 125 C082I TLC083AID ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 C083AI TLC083AIN ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -40 to 125 C083AI |