| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL072CD bảng dữ liệu(PDF) 14 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL072CD bảng dữ liệu(HTML) 14 Page - Texas Instruments |
|
14 / 51 page ![]() TL071, TL071A, TL071B TL072, TL072A, TL072B, TL074, TL074A, TL074B SLOS080M – SEPTEMBER 1978 – REVISED JUNE 2015 www.ti.com 8.3 Feature Description 8.3.1 Total Harmonic Distortion Harmonic distortions to an audio signal are created by electronic components in a circuit. Total harmonic distortion (THD) is a measure of harmonic distortions accumulated by a signal in an audio system. These devices have a very low THD of 0.003% meaning that the TL07x devices will add little harmonic distortion when used in audio signal applications. 8.3.2 Slew Rate The slew rate is the rate at which an operational amplifier can change its output when there is a change on the input. These devices have a 13-V/ μs slew rate. 8.4 Device Functional Modes These devices are powered on when the supply is connected. This device can be operated as a single-supply operational amplifier or dual-supply amplifier depending on the application. 14 Submit Documentation Feedback Copyright © 1978–2015, Texas Instruments Incorporated Product Folder Links: TL071 TL071A TL071B TL072 TL072A TL072B TL074 TL074A TL074B |