| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL071CD bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL071CD bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 51 page ![]() C1 VCC+ IN+ VCC− 1080 Ω 1080 Ω IN− TL071 Only 64 Ω 128 Ω 64 Ω All component values shown are nominal. OFFSET N1 OFFSET N2 OUT 18 pF COMPONENT COUNT† COMPONENT TYPE TL071 TL072 TL074 Resistors 11 22 44 Resistors Transistors 11 14 22 28 44 56 Transistors JFET 14 2 28 4 56 6 JFET Diodes 2 1 4 2 6 4 Diodes Capacitors 1 1 2 2 4 4 Capacitors epi-FET 1 1 2 2 4 4 † Includes bias and trim circuitry TL071, TL071A, TL071B TL072, TL072A, TL072B, TL074, TL074A, TL074B www.ti.com SLOS080M – SEPTEMBER 1978 – REVISED JUNE 2015 8 Detailed Description 8.1 Overview The JFET-input operational amplifiers is in the TL07xx series are similar to the TL08x series, with low input bias and offset currents and fast slew rate. The low harmonic distortion and low noise make the TL07xx series ideally suited for high-fidelity and audio preamplifier applications. Each amplifier features JFET inputs (for high input impedance) coupled with bipolar output stages integrated on a single monolithic chip. The C-suffix devices are characterized for operation from 0°C to 70°C. The I-suffix devices are characterized for operation from −40°C to 85°C. The M-suffix devices are characterized for operation over the full military temperature range of −55°C to 125°C. 8.2 Functional Block Diagram Copyright © 1978–2015, Texas Instruments Incorporated Submit Documentation Feedback 13 Product Folder Links: TL071 TL071A TL071B TL072 TL072A TL072B TL074 TL074A TL074B |