công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AR1011T-I/ML bảng dữ liệu(PDF) 20 Page - Microchip Technology

tên linh kiện AR1011T-I/ML
Giải thích chi tiết về linh kiện  AR1000 Series Resistive Touch Screen Controller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1011T-I/ML bảng dữ liệu(HTML) 20 Page - Microchip Technology

Back Button AR1011T-I/ML Datasheet HTML 16Page - Microchip Technology AR1011T-I/ML Datasheet HTML 17Page - Microchip Technology AR1011T-I/ML Datasheet HTML 18Page - Microchip Technology AR1011T-I/ML Datasheet HTML 19Page - Microchip Technology AR1011T-I/ML Datasheet HTML 20Page - Microchip Technology AR1011T-I/ML Datasheet HTML 21Page - Microchip Technology AR1011T-I/ML Datasheet HTML 22Page - Microchip Technology AR1011T-I/ML Datasheet HTML 23Page - Microchip Technology AR1011T-I/ML Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
DS40001393C-page 20
 2009-2016 Microchip Technology Inc.
5.5
Command Protocol
The AR1021 controller receives commands from the
host as follows:
• The host clocks the bytes of a command to the
AR1021 controller.
• The AR1021 controller asserts the SIQ interrupt
pin high when it is ready with a response to the
command sent by the host.
• The host clocks out the bytes of the command
response from the AR1021 controller.
• The AR1021 controller clears the SIQ interrupt pin
low, after the first byte of the command response
has been clocked out by the host.
The communication protocol for the host sending the
ENABLE_TOUCH
command to the AR1021 controller is
shown below in Figure 5-2.
FIGURE 5-2:
SPI TIMING DIAGRAM – COMMAND PROTOCOL (ENABLE_TOUCH)
5.6
SPI Bit Timing – General
General timing waveforms are shown below in
Figure 5-3.
FIGURE 5-3:
SPI GENERAL BIT TIMING WAVEFORM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61