| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BM62 bảng dữ liệu(PDF) 63 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
BM62 bảng dữ liệu(HTML) 63 Page - Microchip Technology |
|
63 / 70 page ![]() 2016 Microchip Technology Inc. DS60001403A - Page 63 BM62/64 第十二條 經型式認證合格之低功率射頻電機,非經許 可, 公司、商號或使用者均不得擅自變更頻率、加大功率或 變更原設計 之特性及功能。 第十四條 低功率射頻電機之使用不得影響飛航安全及 干擾合法通信; 經發現有干擾現象時,應立即停用,並改善至無干擾時 方得繼續使用。 前項合法通信,指依電信規定作業之無線電信。 低功率射頻電機須忍受合法通信或工業、科學及醫療用 電波輻射性 電機設備之干擾。 A.6.2 HELPFUL WEB SITES National Communications Commission (NCC): http://www.ncc.gov.tw A.7 China The BM62/64 stereo audio module has received certi- fication of conformity in accordance with the China MIIT Notice 2014-01 of State Radio Regulation Committee (SRRC) certification scheme. Integration of this module into a final product does not require additional radio certification, provided installation instructions are fol- lowed and no modifications of the module are allowed. A.7.1 LABELING AND USER INFORMATION REQUIREMENTS The BM62/64 stereo audio module is labeled with its own CMIIT ID as follows: When Host system is using an approved Full Modular Approval (FMA) radio: The host must bear a label containing the statement “This device contains SRRC approved Radio module CMIIT ID XXXXXXXXXX”. A.8 Other Regulatory Jurisdictions Should other regulatory jurisdiction certification be required by the customer, or the customer need to recertify the module for other reasons, contact Micro- chip for the required utilities and documentation. |