| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BM63 bảng dữ liệu(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
BM63 bảng dữ liệu(HTML) 21 Page - Microchip Technology |
|
21 / 56 page ![]() 2016 Microchip Technology Inc. Advance Information DS60001431A-Page 21 BM63 5.0 APPLICATION INFORMATION 5.1 Host MCU Interface The BM63 module supports UART commands. The UART commands enable an external MCU to control the BM63 module. Figure 5-1 illustrates the UART interface between the BM63 module and an external MCU. FIGURE 5-1: HOST MCU INTERFACE OVER UART The MCU can control the BM63 module over the UART interface and wake-up the module using the MFB pin, the P3_7 pin can be used for this function. Refer to the “UART_CommandSet” document for a list of functions the BM63 module supports and how to use the UI tool to configure the UART and UART Command Set tool. Note: The UART Command set Tool (SPKCom- mandSetTool v160.xx) and “UART_Com- mandSet” document are available for download from the Microchip web site at: www.microchip.com/BM63 |