| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL032ACDR bảng dữ liệu(PDF) 50 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL032ACDR bảng dữ liệu(HTML) 50 Page - Texas Instruments |
|
50 / 74 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 10-Jun-2014 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 5962-9086102Q2A OBSOLETE LCCC FK 20 TBD Call TI Call TI -55 to 125 TL031ACD OBSOLETE SOIC D 8 TBD Call TI Call TI 0 to 70 TL031ACP OBSOLETE PDIP P 8 TBD Call TI Call TI 0 to 70 TL031AID OBSOLETE SOIC D 8 TBD Call TI Call TI -40 to 85 TL031AIP OBSOLETE PDIP P 8 TBD Call TI Call TI -40 to 85 TL031CD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 TL031C TL031CDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 TL031C TL031CDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 TL031C TL031CDRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 TL031C TL031CP ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 TL031CP TL031CPE4 ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 TL031CP TL031CPWLE OBSOLETE TSSOP PW 8 TBD Call TI Call TI 0 to 70 TL031ID ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 TL031I TL031IDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 TL031I TL031IP ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -40 to 85 TL031IP TL032ACD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 032AC TL032ACDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 032AC TL032ACDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 032AC TL032ACP ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 TL032ACP |