công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TIBPAL22V10-20MFKB bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện TIBPAL22V10-20MFKB
Giải thích chi tiết về linh kiện  HIGH-PERFORMANCE IMPACT-X
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TIBPAL22V10-20MFKB bảng dữ liệu(HTML) 2 Page - Texas Instruments

  TIBPAL22V10-20MFKB Datasheet HTML 1Page - Texas Instruments TIBPAL22V10-20MFKB Datasheet HTML 2Page - Texas Instruments TIBPAL22V10-20MFKB Datasheet HTML 3Page - Texas Instruments TIBPAL22V10-20MFKB Datasheet HTML 4Page - Texas Instruments TIBPAL22V10-20MFKB Datasheet HTML 5Page - Texas Instruments TIBPAL22V10-20MFKB Datasheet HTML 6Page - Texas Instruments TIBPAL22V10-20MFKB Datasheet HTML 7Page - Texas Instruments TIBPAL22V10-20MFKB Datasheet HTML 8Page - Texas Instruments TIBPAL22V10-20MFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TIBPAL22V10-20M
HIGH-PERFORMANCE
IMPACT-X ™ PROGRAMMABLE ARRAY LOGIC CIRCUITS
SRPS012B − JUNE 1990 − REVISED APRIL 2010
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
2
description (continued)
Circuit design is enhanced by the addition of a synchronous set and an asynchronous reset product term. These
functions are common to all registers. When the synchronous set product term is a logic 1, the output registers
are loaded with a logic 1 on the next low-to-high clock transition. When the asynchronous reset product term
is a logic 1, the output registers are loaded with a logic 0. The output logic level after set or reset depends on
the polarity selected during programming. Output registers can be preloaded to any desired state during testing.
Preloading permits full logical verification during product testing.
With features such as programmable output logic macrocells and variable product term distribution, the
TIBPAL22V10-20M offers quick design and development of custom LSI functions with complexities of 500 to
800 equivalent gates. Since each of the ten output pins may be individually configured as inputs on either a
temporary or permanent basis, functions requiring up to 21 inputs and a single output or down to 12 inputs and
10 outputs are possible.
A power-up clear function is supplied that forces all registered outputs to a predetermined state after power is
applied to the device. Registered outputs selected as active-low power up with their outputs high. Registered
outputs selected as active-high power up with their outputs low.
A single security fuse is provided on each device to discourage unauthorized copying of fuse patterns. Once
blown, the verification circuitry is disabled and all other fuses will appear to be open.
The TIBPAL22V10-20M is characterized for operation over the full military temperature range of
−55
°C to 125°C.
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19