công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THS4304DBVT bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện THS4304DBVT
Giải thích chi tiết về linh kiện  Wideband Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

THS4304DBVT bảng dữ liệu(HTML) 3 Page - Texas Instruments

  THS4304DBVT Datasheet HTML 1Page - Texas Instruments THS4304DBVT Datasheet HTML 2Page - Texas Instruments THS4304DBVT Datasheet HTML 3Page - Texas Instruments THS4304DBVT Datasheet HTML 4Page - Texas Instruments THS4304DBVT Datasheet HTML 5Page - Texas Instruments THS4304DBVT Datasheet HTML 6Page - Texas Instruments THS4304DBVT Datasheet HTML 7Page - Texas Instruments THS4304DBVT Datasheet HTML 8Page - Texas Instruments THS4304DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
THS4304
SLOS436A – MARCH 2004 – REVISED JULY 2004
over operating free-air temperature range (unless otherwise noted)
UNIT
VS
Supply voltage
+6.0 V
VI
Input voltage
±V
S
IO
Output current
150 mA
VID
Differential input voltage
±2 V
Continuous power dissipation
See Dissipation Rating Table
Maximum junction temperature, any condition(2)
150
°C
TJ
Operating free-air temperature range, continuous operation, long-term reliability(2)
125
°C
Tstg
Storage temperature range
–65
°C to 150°C
Lead temperature: 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
HBM
1600 V
ESD Ratings
CDM
1000 V
MM
100 V
(1)
The absolute maximum ratings under any condition is limited by the constraints of the silicon process. Stresses above these ratings may
cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied.
(2)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device.
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Dual supply
±1.35
±2.5
Supply voltage, (VS+ and VS–)
V
Single supply
2.7
5
Input common-mode voltage range
VS–– 0.2
VS+ + 0.2
V
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com