công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P89LPC922 bảng dữ liệu(PDF) 28 Page - NXP Semiconductors

tên linh kiện P89LPC922
Giải thích chi tiết về linh kiện  8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC922 bảng dữ liệu(HTML) 28 Page - NXP Semiconductors

Back Button P89LPC922 Datasheet HTML 24Page - NXP Semiconductors P89LPC922 Datasheet HTML 25Page - NXP Semiconductors P89LPC922 Datasheet HTML 26Page - NXP Semiconductors P89LPC922 Datasheet HTML 27Page - NXP Semiconductors P89LPC922 Datasheet HTML 28Page - NXP Semiconductors P89LPC922 Datasheet HTML 29Page - NXP Semiconductors P89LPC922 Datasheet HTML 30Page - NXP Semiconductors P89LPC922 Datasheet HTML 31Page - NXP Semiconductors P89LPC922 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
Philips Semiconductors
P89LPC920/921/922
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 06 — 21 November 2003
28 of 45
9397 750 12285
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
8.20 Analog comparators
Two analog comparators are provided on the P89LPC920/921/922. Input and output
options allow use of the comparators in a number of different configurations.
Comparator operation is such that the output is a logical one (which may be read in a
register and/or routed to a pin) when the positive input (one of two selectable pins) is
greater than the negative input (selectable from a pin or an internal reference
voltage). Otherwise the output is a zero. Each comparator may be configured to
cause an interrupt when the output value changes.
The overall connections to both comparators are shown in Figure 10. The
comparators function to VDD = 2.4 V.
When each comparator is first enabled, the comparator output and interrupt flag are
not guaranteed to be stable for 10 microseconds. The corresponding comparator
interrupt should not be enabled during that time, and the comparator interrupt flag
must be cleared before the interrupt is enabled in order to prevent an immediate
interrupt service.
When a comparator is disabled the comparator’s output, COx, goes HIGH. If the
comparator output was LOW and then is disabled, the resulting transition of the
comparator output from a LOW to HIGH state will set the comparator flag, CMFx.
This will cause an interrupt if the comparator interrupt is enabled. The user should
therefore disable the comparator interrupt prior to disabling the comparator.
Additionally, the user should clear the comparator flag, CMFx, after disabling the
comparator.
8.20.1
Internal reference voltage
An internal reference voltage generator may supply a default reference when a single
comparator input pin is used. The value of the internal reference voltage, referred to
as VREF, is 1.23 V ±10%.
Fig 10. Comparator input and output connections.
Comparator 1
CP1
CN1
(P0.4) CIN1A
(P0.3) CIN1B
(P0.5) CMPREF
VREF
OE1
Change Detect
CO1
CMF1
Interrupt
002aaa422
CMP1 (P0.6)
EC
Change Detect
CMF2
Comparator 2
OE2
CO2
CMP2 (P0.0)
CP2
CN2
(P0.2) CIN2A
(P0.1) CIN2B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com