| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS26LS33ACM bảng dữ liệu(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DS26LS33ACM bảng dữ liệu(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 8 page ![]() Absolute Maximum Ratings (Note 3) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Supply Voltage 7V Common-Mode Range ±25V Differential Input Voltage ±25V Enable Voltage 7V Output Sink Current 50 mA Maximum Power Dissipation (Note 1) at 25˚C Cavity Package 1433 mW Molded Dip Package 1362 mW SO Package DS26LS32 1002 mW DS26LS32A 1051 mW Storage Temperature Range −65˚C to +165˚C Lead Temperature (Soldering, 4 seconds) 260˚C Operating Conditions Min Max Units Supply Voltage, (V CC) DS26LS32M, DS26LS33M 4.5 5.5 V (MIL) DS26LS32C 4.75 5.25 V DS26LS32AC (COML) Temperature, (T A) DS26LS32M, DS26LS33M −55 +125 ˚C (MIL) DS26LS32C 0 +70 ˚C DS26LS32AC (COML) Note 1: Derate cavity package 9.6 mW/˚C above 25˚C; derate molded DIP package 10.9 mW/˚C above 25˚C. Note 2: Derate SO Package 8.01 mW/˚C for DS26LS32 8.41 mW/˚C for DS26LS32A Electrical Characteristics (Notes 4, 5, 6) over the operating temperature range unless otherwise specified Symbol Parameter Conditions Min Typ Max Units V TH Differential Input V OUT = VOH DS26LS32, DS26LS32A, −7V ≤ V CM ≤ +7V −0.2 ±0.07 0.2 V Voltage or V OL DS26LS33, DS26LS33A, −15V ≤ V CM +15V −0.5 ±0.14 0.5 V R IN Input Resistance −15V ≤ V CM ≤ +15V (One Input AC GND) 6.0 8.5 k Ω I IN Input Current (Under V IN = 15V, Other Input −15V ≤ VIN ≤ +15V 2.3 mA Test) V IN = −15V, Other Input −15V ≤ VIN ≤ +15V −2.8 mA V OH Output High Voltage V CC = MIN, ∆VIN = 1V, Commercial 2.7 4.2 V V ENABLE = 0.8V, IOH = −440 µA Military 2.5 4.2 V V OL Output Low Voltage V CC = Min, ∆VIN = −1V, I OL = 4 mA 0.4 V V ENABLE = 0.8V I OL = 8 mA 0.45 V V IL Enable Low Voltage 0.8 V V IH Enable High Voltage 2.0 V V I Enable Clamp V CC = Min, IIN = −18 mA −1.5 V Voltage I O OFF-State (High V CC = Max V O = 2.4V 20 µA Impedance) Output V O = 0.4V −20 µA Current I IL Enable Low Current V IN = 0.4V −0.36 mA I IH Enable High Current V IN = 2.7V 20 µA I SC Output Short-Circuit V O = 0V, VCC = Max, ∆VIN = 1V −15 −85 mA Current I CC Power Supply V CC = Max, All VIN = GND, DS26LS32, DS26LS32A 52 70 mA Current Outputs Disabled DS26LS33, DS26LS33A 57 80 mA I I Input High Current V IN = 5.5V 100 µA V HYST Input Hysteresis T A = 25˚C, VCC = 5V, DS26LS32, DS26S32A 100 mV V CM = 0V DS26LS33, DS26LS33A 200 mV Note 3: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device should be operated at these limits. The table of “Electrical Characteristics” provides conditions for actual device operation. Note 4: All currents into device pins are shown as positive, all currents out of device pins are shown as negative, all voltages are referenced to ground, unless oth- erwise specified. All values shown as max or min are so classified on absolute value basis. Note 5: All typical values are VCC = 5V, TA = 25˚C. Note 6: Only one output at a time should be shorted. www.national.com 3 |