công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MVR32 bảng dữ liệu(PDF) 1 Page - Rohm

tên linh kiện MVR32
Giải thích chi tiết về linh kiện  Chip trimmer potentiometers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

MVR32 bảng dữ liệu(HTML) 1 Page - Rohm

  MVR32 Datasheet HTML 1Page - Rohm MVR32 Datasheet HTML 2Page - Rohm MVR32 Datasheet HTML 3Page - Rohm MVR32 Datasheet HTML 4Page - Rohm MVR32 Datasheet HTML 5Page - Rohm MVR32 Datasheet HTML 6Page - Rohm MVR32 Datasheet HTML 7Page - Rohm MVR32 Datasheet HTML 8Page - Rohm MVR32 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MVR32
Resistors
Chip trimmer potentiometers
MVR32
!
Features
1) Superb solderability thanks to extra soldering electrode.
2) Close match between wiper and resistive element reduces wiper noise.
3) Mounting can be automated by using a carrier tape.
4) Extremely thin dimensions and light weight facilitate miniaturization of equipment.
5) Two-digit markings used to indicate resistance.
6) Special screwdriver (AD1804) available separately.
7) ROHM resistors have approved ISO-9001 certification. Design and specifications are subject to change without notice.
Carefully check the specification sheet before using or ordering it.
!
!
!
!
Ratings
Item
Conditions
Specifications
0.1W (1 / 10W) / element
Rated power
Rated voltage
Reactive variable
range
Rotational angle, both ends
Nominal total
resistance range
Max. operating voltage : 50V
100
∼ 1MΩ
within 10% (R
>150Ω)
within 20% (R
≤150Ω)
Operating temperature
−55˚C ∼ +125˚C
Effective rotation angle
250
±20˚
Resistance
variation
B (linear) characteristics
Total
resistance tolerance
±25%
at 70˚C
The voltage rating is calculated by the following equation. If the value
obtained exceeds the maximum operating voltage, the voltage rating
is equal to the maximum operating voltage.
E : Rated voltage (V)
P : Rated power (W)
R : Nominal resistance (
Ω)
E = P
× R
Power must be derated according to the power derating curve in
Figure 1 when ambient temperature exceeds 70˚C.
(recommended resistance value : E3 series)
(applicable resistance value : E3 series)
0
20
40
60
80
100
– 55
0
70
100
125
AMBIENT TEMPERATURE ( ˚C)
Fig.1
••••Before using components in circuits where they will be exposed to transients such as pulse loads (short-duration, high-level loads), be certain to evaluate the
component in the mounted state. In addition, the reliability and performance of this component cannot be guaranteed if it is used with a steady state voltage that
is greater than its rated voltage.
••••The remainder of flux may negatively affect product performance and reliability. So please make sure to wash and remove flux completely washing.


Số phần tương tự - MVR32

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shanghai Leiditech Elec...
MVR3220-101G LEIDITECH-MVR3220-101G Datasheet
862Kb / 5P
Maximum allowable continuous DC voltage VDC 85.0 V
MVR3220-120G LEIDITECH-MVR3220-120G Datasheet
602Kb / 5P
Maximum allowable continuous DC voltage
MVR3220-120G LEIDITECH-MVR3220-120G Datasheet
831Kb / 5P
Maximum allowable continuous DC voltage VDC 9.0 V
MVR3220-160G LEIDITECH-MVR3220-160G Datasheet
752Kb / 5P
Maximum allowable continuous DC voltage
MVR3220-180G LEIDITECH-MVR3220-180G Datasheet
590Kb / 5P
Maximum allowable continuous DC voltage
More results

Mô tả tương tự - MVR32

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
MVR21 ROHM-MVR21 Datasheet
160Kb / 4P
Chip trimmer potentiometers
logo
KOA Speer Electronics, ...
KVSF637A KOA-KVSF637A Datasheet
93Kb / 2P
trimmer potentiometers
logo
Murata Manufacturing Co...
PVG3A203C01R00 MURATA-PVG3A203C01R00 Datasheet
1Mb / 55P
Trimmer Potentiometers
PVZ3A103A01R00 MURATA-PVZ3A103A01R00 Datasheet
1Mb / 55P
Trimmer Potentiometers
PV36P503C01B00 MURATA-PV36P503C01B00 Datasheet
1Mb / 55P
Trimmer Potentiometers
PVG5A102C03R00 MURATA-PVG5A102C03R00 Datasheet
1Mb / 55P
Trimmer Potentiometers
logo
Murata Manufacturing Co...
PVZ3K103E01R00 MURATA1-PVZ3K103E01R00_V01 Datasheet
249Kb / 3P
Trimmer Potentiometers
09/16/2022
PVZ3K473E01R00 MURATA1-PVZ3K473E01R00_V01 Datasheet
249Kb / 3P
Trimmer Potentiometers
09/16/2022
PVZ3H471C01B00 MURATA1-PVZ3H471C01B00_V01 Datasheet
242Kb / 3P
Trimmer Potentiometers
09/13/2022
PVZ3H474C01R00 MURATA1-PVZ3H474C01R00_V01 Datasheet
242Kb / 3P
Trimmer Potentiometers
09/13/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com