công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MIC5235 bảng dữ liệu(PDF) 1 Page - Micrel Semiconductor

tên linh kiện MIC5235
Giải thích chi tiết về linh kiện  Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICREL [Micrel Semiconductor]
Trang chủ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5235 bảng dữ liệu(HTML) 1 Page - Micrel Semiconductor

  MIC5235 Datasheet HTML 1Page - Micrel Semiconductor MIC5235 Datasheet HTML 2Page - Micrel Semiconductor MIC5235 Datasheet HTML 3Page - Micrel Semiconductor MIC5235 Datasheet HTML 4Page - Micrel Semiconductor MIC5235 Datasheet HTML 5Page - Micrel Semiconductor MIC5235 Datasheet HTML 6Page - Micrel Semiconductor MIC5235 Datasheet HTML 7Page - Micrel Semiconductor MIC5235 Datasheet HTML 8Page - Micrel Semiconductor MIC5235 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
August 2003
1
MIC5235
MIC5235
Micrel
MIC5235
Ultra-Low Quiescent Current, 150mA
µCap LDO Regulator
General Description
The MIC5235 is a 150mA highly accurate, low dropout
regulator with high input voltage and ultra-low ground current.
This combination of high voltage and low ground current
makes the MIC5235 ideal for USB and portable electronics
applications, using 1-cell, 2-cell or 3-cell Li-Ion battery inputs.
A
µCap LDO design, the MIC5235 is stable with either
ceramic or tantalum output capacitor. It only requires a 2.2
µF
capacitor for stability.
Features of the MIC5235 includes enable input, thermal
shutdown, current limit, reverse battery protection, and
reverse leakage protection.
Available in fixed and adjustable output voltage versions, the
MIC5235 is offered in the IttyBitty™ SOT-23-5 package with
a junction temperature range of –40
°C to +125°C.
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
IttyBitty is a trademark of Micrel, Inc.
Features
• Wide input voltage range: 2.3V to 24V
• Ultra low ground current: 18
µA
• Low dropout voltage: 310mV at 150mA
• High output accuracy:
±2.0% over temperature
µCap: stable with ceramic or tantalum capacitors
• Excellent line and load regulation specifications
• Zero shutdown current
• Reverse battery protection
• Reverse leakage protection
• Thermal shutdown and current limit protection
• IttyBitty™ SOT-23-5 package
Applications
• USB power supply
• Cellular phones
• Keep-alive supply in notebook and portable computers
• Logic supply for high-voltage batteries
• Automotive electronics
• Battery powered systems
Typical Application
15
2
34
COUT=2.2µF
ceramic
IGND=18µA
CIN=1.0µF
EN
MIC5235BM5
VIN
VOUT=1.8V
R1
R2
OFF ON
Ultra-Low Current Adjustable Regulator Application
Ordering Information
Part Number
Marking
Voltage
Junction Temp. Range
Package
MIC5235-1.5BM5
L215
1.5V
–40
°C to +125°C
SOT-23-5
MIC5235-1.8BM5
L218
1.8V
–40
°C to +125°C
SOT-23-5
MIC5235-2.5BM5
L225
2.5V
–40
°C to +125°C
SOT-23-5
MIC5235-2.7BM5
L227
2.7V
–40
°C to +125°C
SOT-23-5
MIC5235-3.0BM5
L230
3.0V
–40
°C to +125°C
SOT-23-5
MIC5235-3.3BM5
L233
3.3V
–40
°C to +125°C
SOT-23-5
MIC5235-5.0BM5
L250
5.0V
–40
°C to +125°C
SOT-23-5
MIC5235BM5
L2AA
ADJ.
–40
°C to +125°C
SOT-23-5
Ground Current vs. Input Voltage
10
15
20
25
30
35
40
4
9
14
19
24
INPUT VOLTAGE (V)
I
OUT = 10µA
I
OUT = 1mA
I
OUT = 100µA


Số phần tương tự - MIC5235

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micrel Semiconductor
MIC5235-1.5BM5 MICREL-MIC5235-1.5BM5 Datasheet
366Kb / 9P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
logo
Microchip Technology
MIC5235-1.5BM5 MICROCHIP-MIC5235-1.5BM5 Datasheet
365Kb / 9P
Ultra-Low Quiescent Current, 150mA µCap LDO Regulator
May 2008
MIC5235-1.5YM5 MICROCHIP-MIC5235-1.5YM5 Datasheet
365Kb / 9P
Ultra-Low Quiescent Current, 150mA µCap LDO Regulator
May 2008
logo
Micrel Semiconductor
MIC5235-1.8BM5 MICREL-MIC5235-1.8BM5 Datasheet
366Kb / 9P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
logo
Microchip Technology
MIC5235-1.8BM5 MICROCHIP-MIC5235-1.8BM5 Datasheet
365Kb / 9P
Ultra-Low Quiescent Current, 150mA µCap LDO Regulator
May 2008
More results

Mô tả tương tự - MIC5235

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
Low Quiescent Current 500mA UCap LDO Regulator
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
150mA UCap Ultra-Low Dropout LDO Regulator
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5232 MICREL-MIC5232 Datasheet
310Kb / 10P
10mA Ultra-Low Quiescent Current uCap LDO
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
Low-Quiescent Current 150mA LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com