| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC2210 bảng dữ liệu(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2210 bảng dữ liệu(HTML) 30 Page - NXP Semiconductors |
|
30 / 39 page ![]() Philips Semiconductors LPC2210 16/32-bit ARM microcontrollers with external memory interface Preliminary data Rev. 01 — 09 February 2004 30 of 39 9397 750 12872 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. [6] The gain error (Ge) is the relative difference in percent between the straight line fitting the actual transfer curve after removing offset error, and the straight line which fits the ideal transfer curve. See Figure 4. [7] The absolute voltage error (Ae) is the maximum difference between the center of the steps of the actual transfer curve of the non-calibrated A/D and the ideal transfer curve. See Figure 4. (1) Example of an actual transfer curve. (2) The ideal transfer curve. (3) Differential non-linearity (DLe). (4) Integral non-linearity (ILe). (5) Center of a step of the actual transfer curve. Fig 4. A/D conversion characteristics. 002aaa668 1023 1022 1021 1020 1019 (2) (1) 1024 1018 1019 1020 1021 1022 1023 7 123456 7 6 5 4 3 2 1 0 1018 (5) (4) (3) 1 LSB (ideal) Code out V3A - VSSA 1024 offset error OSe gain error Ge offset error OSe AVIN (LSBideal) 1 LSB = |