| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
24AA1026TE/P bảng dữ liệu(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24AA1026TE/P bảng dữ liệu(HTML) 27 Page - Microchip Technology |
|
27 / 30 page ![]() 2011-2015 Microchip Technology Inc. DS20002270E-page 27 24AA1026/24LC1026/24FC1026 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. Device: 24AA1026 = 1024K Bit 1.7V I2C CMOS Serial EEPROM 24AA1026T = 1024K Bit 1.7V I2C CMOS Serial EEPROM (Tape and Reel) 24LC1026 = 1024K Bit 2.5V I2C CMOS Serial EEPROM 24LC1026T= 1024K Bit 2.5V I2C CMOS Serial EEPROM (Tape and Reel) 24FC1026 = 1024K Bit 1.8V I2C CMOS Serial EEPROM 24FC1026T= 1024K Bit 1.8V I2C CMOS Serial EEPROM (Tape and Reel) Tape and Reel Option: Blank = Standard packaging (tube or tray) T = Tape and Reel(1) Temperature Range: I = -40°C to +85°C E = -40°C to +125°C Package: P = Plastic DIP (300 mil Body), 8-lead SM = Plastic SOIJ (5.28 mm Body), 8-lead SN = Plastic SOIC (3.90 mm Body), 8-lead Examples: a) 24AA1026-I/P: Industrial Temperature, 1.7V, PDIP package. b) 24AA1026-I/SN: Industrial Temperature, 1.7V, SOIC package. c) 24AA1026T-I/SN: Tape and Reel, Industrial Temperature,1.7V, SOIC package. d) 24AA1026T-I/SM: Tape and Reel, Industrial Temperature, 1.7V, SOIJ package. e) 24FC1026-I/SN: Industrial Temperature, 1.8V, SOIC package. f) 24FC1026T-I/SN: Tape and Reel, Industrial Temperature, 1.8V, SOIC package. g) 24LC1026-I/P: Industrial Temperature, 2.5V, PDIP package. h) 24LC1026T-I/SM: Tape and Reel, Industrial Temperature, 2.5V, SOIJ package. i) 24LC1026-E/SM: Extended temperature, 2.5V, SOIJ package PART NO. X /XX Package Temperature Range Device [X](1) Tape and Reel Option Note1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering pur- poses and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. |