công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

34AA04T-I/ST bảng dữ liệu(PDF) 19 Page - Microchip Technology

tên linh kiện 34AA04T-I/ST
Giải thích chi tiết về linh kiện  4K I2C??Serial EEPROM with Software Write-Protect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34AA04T-I/ST bảng dữ liệu(HTML) 19 Page - Microchip Technology

Back Button 34AA04T-I/ST Datasheet HTML 15Page - Microchip Technology 34AA04T-I/ST Datasheet HTML 16Page - Microchip Technology 34AA04T-I/ST Datasheet HTML 17Page - Microchip Technology 34AA04T-I/ST Datasheet HTML 18Page - Microchip Technology 34AA04T-I/ST Datasheet HTML 19Page - Microchip Technology 34AA04T-I/ST Datasheet HTML 20Page - Microchip Technology 34AA04T-I/ST Datasheet HTML 21Page - Microchip Technology 34AA04T-I/ST Datasheet HTML 22Page - Microchip Technology 34AA04T-I/ST Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
 2014 Microchip Technology Inc.
DS20005271B-page 19
34AA04
Legend:
XX...X
Part number or part number code
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
JEDEC® designator for Matte Tin (Sn)
Note
:
For very small packages with no room for the JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
*
Standard OTP marking consists of Microchip part number, year code, week code, and traceability code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36