công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

25LC512M/SN bảng dữ liệu(PDF) 14 Page - Microchip Technology

tên linh kiện 25LC512M/SN
Giải thích chi tiết về linh kiện  512 Kbit SPI Bus Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC512M/SN bảng dữ liệu(HTML) 14 Page - Microchip Technology

Back Button 25LC512M/SN Datasheet HTML 10Page - Microchip Technology 25LC512M/SN Datasheet HTML 11Page - Microchip Technology 25LC512M/SN Datasheet HTML 12Page - Microchip Technology 25LC512M/SN Datasheet HTML 13Page - Microchip Technology 25LC512M/SN Datasheet HTML 14Page - Microchip Technology 25LC512M/SN Datasheet HTML 15Page - Microchip Technology 25LC512M/SN Datasheet HTML 16Page - Microchip Technology 25LC512M/SN Datasheet HTML 17Page - Microchip Technology 25LC512M/SN Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
25LC512
DS20005265A-page 14
 2014 Microchip Technology Inc.
2.8
PAGE ERASE
The PAGE ERASE instruction will erase all bits (FFh)
inside the given page. A Write Enable (WREN) instruc-
tion must be given prior to attempting a PAGE ERASE.
This is done by setting CS low and then clocking out
the proper instruction into the 25LC512. After all eight
bits of the instruction are transmitted, the CS must be
brought high to set the write enable latch.
The PAGE ERASE instruction is entered by driving CS
low, followed by the instruction code (Figure 2-8) and
two address bytes. Any address inside the page to be
erased is a valid address.
CS must then be driven high after the last bit of the
address or the PAGE ERASE will not execute. Once
the CS is driven high the self-timed PAGE ERASE
cycle is started. The WIP bit in the STATUS register
can be read to determine when the PAGE ERASE cycle
is complete.
If a PAGE ERASE instruction is given to an address
that has been protected by the Block Protect bits (BP0,
BP1) then the sequence will be aborted and no erase
will occur.
FIGURE 2-8:
PAGE ERASE SEQUENCE
SO
SI
SCK
CS
0
23456789 10 11
21 22 23
1
00
0
0
0
1
01
15 14 13 12
210
Instruction
16-bit Address
High-Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com