công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM7121IM/NOPB bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM7121IM/NOPB
Giải thích chi tiết về linh kiện  LM7121 235-MHz Tiny Low Power Voltage Feedback Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM7121IM/NOPB bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LM7121IM/NOPB Datasheet HTML 1Page - Texas Instruments LM7121IM/NOPB Datasheet HTML 2Page - Texas Instruments LM7121IM/NOPB Datasheet HTML 3Page - Texas Instruments LM7121IM/NOPB Datasheet HTML 4Page - Texas Instruments LM7121IM/NOPB Datasheet HTML 5Page - Texas Instruments LM7121IM/NOPB Datasheet HTML 6Page - Texas Instruments LM7121IM/NOPB Datasheet HTML 7Page - Texas Instruments LM7121IM/NOPB Datasheet HTML 8Page - Texas Instruments LM7121IM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
LM7121
SNOS750A – AUGUST 1999 – REVISED OCTOBER 2014
www.ti.com
Table of Contents
6.8
±5V AC Electrical Characteristics ............................. 7
1
Features .................................................................. 1
6.9
+5V DC Electrical Characteristics ............................. 8
2
Applications ........................................................... 1
6.10
+5V AC Electrical Characteristics ........................... 8
3
Description ............................................................. 1
6.11
Typical Characteristics ............................................ 9
4
Revision History..................................................... 2
7
Application and Implementation ........................ 21
5
Pin Configuration and Functions ......................... 3
7.1
Application Information............................................ 21
6
Specifications......................................................... 4
7.2
Typical Applications ................................................ 22
6.1
Absolute Maximum Ratings ...................................... 4
8
Device and Documentation Support.................. 26
6.2
Handling Ratings....................................................... 4
8.1
Trademarks ............................................................. 26
6.3
Recommended Operating Conditions ....................... 4
8.2
Electrostatic Discharge Caution .............................. 26
6.4
Thermal Information .................................................. 4
8.3
Glossary .................................................................. 26
6.5
±15V DC Electrical Characteristics ........................... 5
9
Mechanical, Packaging, and Orderable
6.6
±15V AC Electrical Characteristics ........................... 6
Information ........................................................... 26
6.7
±5V DC Electrical Characteristics ............................. 6
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (August 1999) to Revision A
Page
•
Added, updated, or renamed the following sections: Device Information Table, Pin Configuration and Functions,
Application and Implementation; Power Supply Recommendations ; Layout; Device and Documentation Support;
Mechanical, Packaging, and Ordering Information................................................................................................................. 1
•
Deleted TJ = 25°C from Electrical Characteristics tables ....................................................................................................... 5
2
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM7121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com