công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAS5716PAPR bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TAS5716PAPR
Giải thích chi tiết về linh kiện  20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5716PAPR bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button TAS5716PAPR Datasheet HTML 7Page - Texas Instruments TAS5716PAPR Datasheet HTML 8Page - Texas Instruments TAS5716PAPR Datasheet HTML 9Page - Texas Instruments TAS5716PAPR Datasheet HTML 10Page - Texas Instruments TAS5716PAPR Datasheet HTML 11Page - Texas Instruments TAS5716PAPR Datasheet HTML 12Page - Texas Instruments TAS5716PAPR Datasheet HTML 13Page - Texas Instruments TAS5716PAPR Datasheet HTML 14Page - Texas Instruments TAS5716PAPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
ELECTRICAL CHARACTERISTICS
TAS5716
www.ti.com............................................................................................................................................................................................... SLOS569 – JANUARY 2009
DC Characteristics, TA = 25°C, PVCC_X, AVCC = 18 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
VOH
High-level output voltage
3.3-V TTL and 5-V tolerant (1)
IOH = –4 mA
2.4
V
VOL
Low-level output voltage
3.3-V TTL and 5-V tolerant (1)
IOL = 4 mA
0.5
V
| VOS |
Class-D output offset voltage
±26
mV
VBYPASS
PVCC/8 reference for analog section
No load
2.2
2.26
2.3
V
3.3-V TTL
VI = VIL
±2
IIL
Low-level input current
µA
5-V tolerant(1)
VI = 0 V, DVDD = 3 V
±2
3.3-V TTL
VI = VIH
±2
IIH
High-level input current
µA
5-V tolerant
VI = 5.5 V, DVDD = 3 V
±20
Normal mode
43
65
80
Power down
2
8
16
IDD
Input supply current
Supply voltage (DVDD, AVDD)
mA
(PDNZ = LOW)
Reset (RESET = LOW)
11
23
33
ICC
Quiescent supply current
No load
14
33
57
mA
ICC(RESET)
Quiescent supply current in reset mode
No load
58
176
µA
ICC(PDNZ)
Quiescent supply current in power-down mode
No load
58
176
µA
PSRR
DC power-supply rejection ratio
PVCC = 17.5 V to 18.5 V
60
dB
Drain-source on-state resistance, high-side
VCC = 18 V , IO = 500 mA,
240
TJ = 25°C
RDS(on)
Low-side
240
m
Ω
Total
480
850
Turnon time (SE mode) (Set Reg 0x1A bit 7 to 1)
C(BYPASS) = 1 µF,
500
tON
ms
Time required for C(BYPASS)
Turnon time (BTL mode) (Set Reg 0x1A bit 7 to 0)
30
to reach its final value
Turnoff time (SE mode) (Set Reg 0X1A bit 7 to 1)
500
tOFF
ms
Turnoff time (BTL mode) (Set Reg 0X1A bit 7 to 0)
30
(1)
5-V tolerant pins are PDN, RESET, MUTE, SCLK, LRCLK, MCLK, SDIN1, SDIN2, SDA, SCL, and HPSEL.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TAS5716



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com