| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TAS5709APHPR bảng dữ liệu(PDF) 41 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5709APHPR bảng dữ liệu(HTML) 41 Page - Texas Instruments |
|
41 / 61 page ![]() SERIAL DATA INTERFACE REGISTER (0x04) TAS5709, TAS5709A www.ti.com ..................................................................................................................................... SLOS599A – NOVEMBER 2008 – REVISED SEPTEMBER 2009 As shown in Table 7, the TAS5709 supports 9 serial data modes. The default is 24-bit, I2S mode, Table 7. Serial Data Interface Control Register (0x04) Format RECEIVE SERIAL DATA WORD D7–D4 D3 D2 D1 D0 INTERFACE FORMAT LENGTH Right-justified 16 0000 0 0 0 0 Right-justified 20 0000 0 0 0 1 Right-justified 24 0000 0 0 1 0 I2S 16 000 0 0 1 1 I2S 20 0000 0 1 0 0 I2S (1) 24 0000 0 1 0 1 Left-justified 16 0000 0 1 1 0 Left-justified 20 0000 0 1 1 1 Left-justified 24 0000 1 0 0 0 Reserved 0000 1 0 0 1 Reserved 0000 1 0 1 0 Reserved 0000 1 0 1 1 Reserved 0000 1 1 0 0 Reserved 0000 1 1 0 1 Reserved 0000 1 1 1 0 Reserved 0000 1 1 1 1 (1) Default values are in bold. Copyright © 2008–2009, Texas Instruments Incorporated Submit Documentation Feedback 41 Product Folder Link(s): TAS5709 TAS5709A |