| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TAS5707APHPR bảng dữ liệu(PDF) 46 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5707APHPR bảng dữ liệu(HTML) 46 Page - Texas Instruments |
|
46 / 59 page ![]() TAS5707, TAS5707A SLOS556B – NOVEMBER 2008 – REVISED NOVEMBER 2009 www.ti.com INPUT MULTIPLEXER REGISTER (0x20) This register controls the modulation scheme (AD or BD mode) as well as the routing of I2S audio to the internal channels. Table 20. Input Multiplexer Register (0x20) D31 D30 D29 D28 D27 D26 D25 D24 FUNCTION 0 0 0 0 0 0 0 0 Reserved (1) D23 D22 D21 D20 D19 D18 D17 D16 FUNCTION 0 – – – – – – – Channel-1 AD mode 1 – – – – – – – Channel-1 BD mode – 0 0 0 – – – – SDIN-L to channel 1 (1) – 0 0 1 – – – – SDIN-R to channel 1 – 0 1 0 – – – – Reserved – 0 1 1 – – – – Reserved – 1 0 0 – – – – Reserved – 1 0 1 – – – – Reserved – 1 1 0 – – – – Ground (0) to channel 1 – 1 1 1 – – – – Reserved – – – – 0 – – – Channel 2 AD mode – – – – 1 – – – Channel 2 BD mode – – – – – 0 0 0 SDIN-L to channel 2 – – – – – 0 0 1 SDIN-R to channel 2 (1) – – – – – 0 1 0 Reserved – – – – – 0 1 1 Reserved – – – – – 1 0 0 Reserved – – – – – 1 0 1 Reserved – – – – – 1 1 0 Ground (0) to channel 2 – – – – – 1 1 1 Reserved D15 D14 D13 D12 D11 D10 D9 D8 FUNCTION 0 1 1 1 0 1 1 1 Reserved (1) D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION 0 1 1 1 0 0 1 0 Reserved (1) (1) Default values are in bold. PWM OUTPUT MUX REGISTER (0x25) This DAP output mux selects which internal PWM channel is output to the external pins. Any channel can be output to any external output pin. Bits D21–D20: Selects which PWM channel is output to OUT_A Bits D17–D16: Selects which PWM channel is output to OUT_B Bits D13–D12: Selects which PWM channel is output to OUT_C Bits D09–D08: Selects which PWM channel is output to OUT_D Note that channels are enclosed so that channel 1 = 0x00, channel 2 = 0x01, channet 1 = 0x02, and channel 2 = 0x03. 46 Submit Documentation Feedback Copyright © 2008–2009, Texas Instruments Incorporated Product Folder Link(s): TAS5707 TAS5707A |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |