| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TAS3208PZP bảng dữ liệu(PDF) 72 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS3208PZP bảng dữ liệu(HTML) 72 Page - Texas Instruments |
|
72 / 79 page ![]() TAS3208 SLES201E – JANUARY 2007 – REVISED MARCH 2011 www.ti.com DC Dither Register (0x1d) Table 52. DC Dither Register BIT 31 30 29 28 27 26 25 24 DESCRIPTION 0 0 0 0 0 0 0 0 Unused BIT 23 22 21 20 19 18 17 16 0 0 0 0 0 0 0 0 Unused BIT 15 14 13 12 11 10 9 8 0 0 0 0 0 0 0 0 Unused BIT 7 6 5 4 3 2 1 0 0 0 0 0 0 0 0 Unused ON DC dither enable Table 53. DC Dither Enable(1) DC DITHER ENABLE ON Disable 0 Enable 1 (1) Default values are shown in italics. DSP Program Start Address Register (0x1e) The DSP instruction execution loops each Fs cycle. At the beginning of the Fs cycle, the DSP instruction pointer is set to the starting address specified in the 12 LSBs. The maximum address is the end address of DSP instruction address 3327. Table 54. DSP Program Start Address Register BIT 31 30 29 28 27 26 25 24 DESCRIPTION 0 0 0 0 0 0 0 0 Unused BIT 23 22 21 20 19 18 17 16 0 0 0 0 0 0 0 0 Unused BIT 15 14 13 12 11 10 9 8 0 0 0 0 x x x x Starting address MSB BIT 7 6 5 4 3 2 1 0 x x x x x x x x Starting address LSB 72 Submit Documentation Feedback Copyright © 2007–2011, Texas Instruments Incorporated Product Folder Link(s): TAS3208 |