| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMP8602MA/NOPB bảng dữ liệu(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMP8602MA/NOPB bảng dữ liệu(HTML) 23 Page - Texas Instruments |
|
23 / 42 page ![]() Rr = 100 k: x 100 - Gr Gr Rr = 100 k: X 50 - Gr Gr Rr = 100 k: X 20 - Gr Gr Gr = Rr + 100 k: 100 Rr Gr = Rr + 100 k: 50 Rr Gr = Rr + 100 k: 20 Rr Rr +IN -IN + - Preamplifier Output Buffer Gain = K2 A1 A2 Gain = 10 OFFSET Internal Resistor 100 k: OUT Level shift 1 5 3 4 7 8 23 LMP8601, LMP8601-Q1 LMP8602, LMP8602-Q1 LMP8603, LMP8603-Q1 www.ti.com SNOSAR2H – SEPTEMBER 2008 – REVISED APRIL 2016 Product Folder Links: LMP8601 LMP8601-Q1 LMP8602 LMP8602-Q1 LMP8603 LMP8603-Q1 Submit Documentation Feedback Copyright © 2008–2016, Texas Instruments Incorporated Device Functional Modes (continued) 7.4.1.1 Reducing Gain Figure 54 shows the configuration that can be used to reduce the gain of the LMP8601 and LMP8601-Q1. NOTE: K2 = 2 for LMP8601, LMP8601-Q1; 5 for LMP8602, LMP8602-Q1; or 10 for LMP8603, LMP8603-Q1. Figure 54. Reduce Gain Rr creates a resistive divider together with the internal 100-kΩ resistor such that the reduced gain Gr becomes: (21) For the LMP8602 and LMP8602-Q1: (22) And for the LMP8603 and LMP8603-Q1: (23) Given a desired value of the reduced gain Gr, using this equation, the LMP8601 and LMP8601-Q1 required value for the Rr is calculated with: (24) For the LMP8602 and LMP8602-Q1: (25) And for the LMP8603 and LMP8603-Q1: (26) 7.4.1.2 Increasing Gain Figure 55 shows the configuration that can be used to increase the gain of the LMP8601 and LMP8601-Q1. |