| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMP8601QMA/NOPB bảng dữ liệu(PDF) 29 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMP8601QMA/NOPB bảng dữ liệu(HTML) 29 Page - Texas Instruments |
|
29 / 42 page ![]() RSENSE ICharge LOAD Charger ILoad ICharge - ILoad VS C1 +IN -IN + - Preamplifier Output Buffer Gain = K2 A1 A2 Gain = 10 OFFSET Internal Resistor 100 k: OUT Level shift 1 5 3 4 7 8 29 LMP8601, LMP8601-Q1 LMP8602, LMP8602-Q1 LMP8603, LMP8603-Q1 www.ti.com SNOSAR2H – SEPTEMBER 2008 – REVISED APRIL 2016 Product Folder Links: LMP8601 LMP8601-Q1 LMP8602 LMP8602-Q1 LMP8603 LMP8603-Q1 Submit Documentation Feedback Copyright © 2008–2016, Texas Instruments Incorporated Typical Applications (continued) 8.2.3 Battery Current Monitor Application This application example shows how the LMP860x and LMP860x-Q1 can be used to monitor the current flowing in and out of a battery pack. The fact that the LMP860x and LMP860x-Q1 can measure small voltages at a high offset voltage outside the parts own supply range makes this part a very good choice for such applications. If the load current of the battery is higher then the charging current, the output voltage of the LMP860x and LMP860x- Q1 will be above the half offset voltage for a net current flowing out of the battery. When the charging current is higher then the load current the output will be below this half offset voltage. NOTE: K2 = 2 for LMP8601, LMP8601-Q1; 5 for LMP8602, LMP8602-Q1; or 10 for LMP8603, LMP8603-Q1. Figure 63. Battery Current Monitor Application |