| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMP8601MA/NOPB bảng dữ liệu(PDF) 33 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMP8601MA/NOPB bảng dữ liệu(HTML) 33 Page - Texas Instruments |
|
33 / 42 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 2-Jun-2016 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LMP8601EDRQ1 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 150 LMP86 01EDQ1 LMP8601MA/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LMP86 01MA LMP8601MAX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LMP86 01MA LMP8601QMA/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LMP86 01QMA LMP8601QMAX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LMP86 01QMA LMP8602MA/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LMP86 02MA LMP8602MAX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LMP86 02MA LMP8602MM/NOPB ACTIVE VSSOP DGK 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AN3A LMP8602MME/NOPB ACTIVE VSSOP DGK 8 250 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AN3A LMP8602MMX/NOPB ACTIVE VSSOP DGK 8 3500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AN3A LMP8602QMA/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LMP86 02QMA LMP8602QMAX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LMP86 02QMA LMP8602QMM/NOPB ACTIVE VSSOP DGK 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AF7A LMP8602QMME/NOPB ACTIVE VSSOP DGK 8 250 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AF7A LMP8602QMMX/NOPB ACTIVE VSSOP DGK 8 3500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AF7A LMP8603MA/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LMP86 03MA LMP8603MAX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LMP86 03MA |