| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMP7707MA/NOPB bảng dữ liệu(PDF) 30 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMP7707MA/NOPB bảng dữ liệu(HTML) 30 Page - Texas Instruments |
|
30 / 41 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 11-Apr-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples LMP7707MA/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM LMP77 07MA LMP7707MAX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM LMP77 07MA LMP7707MF/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AH4A LMP7707MFX/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AH4A LMP7708MA/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LMP77 08MA LMP7708MAX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LMP77 08MA LMP7708MM/NOPB ACTIVE VSSOP DGK 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AJ4A LMP7708MME/NOPB ACTIVE VSSOP DGK 8 250 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AJ4A LMP7708MMX/NOPB ACTIVE VSSOP DGK 8 3500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 AJ4A LMP7709MA/NOPB ACTIVE SOIC D 14 55 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM LMP7709 MA LMP7709MAX/NOPB ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM LMP7709 MA LMP7709MT/NOPB ACTIVE TSSOP PW 14 94 Pb-Free (RoHS) CU SN Level-1-260C-UNLIM -40 to 125 LMP77 09MT LMP7709MTX/NOPB ACTIVE TSSOP PW 14 2500 Pb-Free (RoHS) CU SN Level-1-260C-UNLIM -40 to 125 LMP77 09MT (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. |