công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI7C9X2G606PRCNJEX bảng dữ liệu(PDF) 1 Page - Pericom Semiconductor Corporation

tên linh kiện PI7C9X2G606PRCNJEX
Giải thích chi tiết về linh kiện  Packet Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C9X2G606PRCNJEX bảng dữ liệu(HTML) 1 Page - Pericom Semiconductor Corporation

  PI7C9X2G606PRCNJEX Datasheet HTML 1Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pericom Semiconductor Corp.
www.pericom.com
Page 1 of 1
10/2/2015
PCI
® , PCIe® and PCI Express® are registered trademarks of the PCI SIG® (www.pcisig.org)
Product:
PCIe2 6-Port/6-Lane Packet Switch, GreenPacket
TM Family
Part Numbers: PI7C9X2G606PR
Product Description
The PI7C9X2G606PR is a
6-lane PCI Express Gen 2 Switch
with 6 PCI Express ports specifically designed to meet high
performance and the latest GREEN low-power, lead (Pb)-free
system requirements, such as Network, Embedded, Storage
and other platforms. The name of the family, GreenPacketTM,
refers to Pericom proprietary power saving technology.
The PI7C9X2G606PR provides one upstream port supporting x1,
and 5 downstream ports that support x1 operation. The flexible
upstream port provides users the flexibility to expand or fan-out
from a wide range of x86, ARM, MIPS, PowerPC SoC/ Chipset,
and it is a suitable solution for wired/ wireless Networking,
Switch router, Embedded, Storage, HBA, Surveillance, Combo
card and other applications.
Industry Specifications Compliance
PCI Express® Base Specification, Revision 2.1
PCI Express CEM Specification, Revision 2.0
PCI-to-PCI Bridge Architecture Spec., Rev 1.2
Advanced Configuration Power Interface (ACPI)
Specification
SMBus interface support
Features
PCISIG PCI Express 2.1 certificated
Reliability, Availability and Serviceability
o
Supports Data Poisoning and End-to-End CRC
o
Advanced Error Reporting and Logging
Device State Power Management
o
Supports D0, D3Hot and D3Cold device power states
Advanced Power Savings
o
Empty downstream ports are set to idle
Programmable driver current and de-emphasis level at
each individual port
Port Arbitration: Round Robin (RR), Weighted RR and
Time-based Weighted RR
Extended Virtual Channel capability
o
Two Virtual Channels (VC) and Eight Traffic Class (TC)
support
o
Independent TC/VC mapping for each port
Supports Isochronous Traffic
o
Isochronous traffic class mapped to VC1 only
Supports “Cut-through”(Default) as well as “Store and
Forward” mode
for switching packets
Strapped pins configurable with optional EEPROM or
SMBus
Peer-to-peer switching between any two downstream ports
Supports up to 512-byte maximum payload size
Power Dissipation: 0.6 W typical in L0 normal mode
Industrial Temperature Range: -40o to 85oC
MTBF: 50,927,360 hours
Package: 196-pin LBGA 15mm x 15mm
o
Pb free and 100% Green
Enhanced Features
150ns typical latency for packet running through switch
without blocking
Link Power Management
o
Supports L0, L0s, L1, L2, L2/L3Ready and L3 link power
states
o
Active state power management for L0s and L1 states
o
Supports PCI-PM and ASPM of L1.1 PM Sub-state
Supports Device Specific PME Turn-Off Message for each
downstream port
Support Access Control Service (ACS) for peer-to-peer
traffic
Support Address Translation (AT) packet for SR-IOV
application
Support OBFF and LTR
Support Serial Hot Plug Controller
Application
Wireless AP/ Switch Router
Wired/ Wireless Tele/ data communication
Embedded system
IPC/ Industrial control
Automotive
NAS/ Storage
Server
Printer/ MFP/ Peripheral
Surveillance/ Security
HBA / Combo cards
Set-top box and consumer devices
NB/ PC Motherboard PCIe slot expansion
Order Information
PART NUMBER
PACKAGE
PB-FREE &
GREEN
TEMPERATURE
PI7C9X2G606PRCNJEX†
196 LBGA
YES
-40oC TO 85oC
PI7C9X2G606PRCEVB
Board
Evaluation kit for
PI7C9X2G606PRC
† Note: Adding an X suffix =Tape/Reel
Chipset
/ SoC
x1 PCIe2
x1 PCIe2
PCIe
EP
PI7C9X2G606
PR
PCIe
EP
PCIe
EP
PCIe
EP
PCIe
EP
15-0007


Số phần tương tự - PI7C9X2G606PRCNJEX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
PI7C9X2G606PR DIODES-PI7C9X2G606PR Datasheet
627Kb / 1P
PCIe2 6-Port/6-Lane Packet Switch, GreenPacket Family
1/5/2017
PI7C9X2G606PRDEVB DIODES-PI7C9X2G606PRDEVB Datasheet
627Kb / 1P
PCIe2 6-Port/6-Lane Packet Switch, GreenPacket Family
1/5/2017
PI7C9X2G606PRDNJAEX DIODES-PI7C9X2G606PRDNJAEX Datasheet
627Kb / 1P
PCIe2 6-Port/6-Lane Packet Switch, GreenPacket Family
1/5/2017
More results

Mô tả tương tự - PI7C9X2G606PRCNJEX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Applied Micro Circuits ...
PRS64GU AMCC-PRS64GU Datasheet
304Kb / 2P
Packet Routing Switch
logo
Pericom Semiconductor C...
PI7C9X2G303EL PERICOM-PI7C9X2G303EL Datasheet
296Kb / 1P
Packet Switch
PI7C9X2G304EL PERICOM-PI7C9X2G304EL Datasheet
300Kb / 1P
Packet Switch
PI7C9X2G304SL PERICOM-PI7C9X2G304SL Datasheet
300Kb / 1P
Packet Switch
PI7C9X2G312GP PERICOM-PI7C9X2G312GP Datasheet
119Kb / 1P
Packet Switch
PI7C9X2G404SL PERICOM-PI7C9X2G404SL Datasheet
301Kb / 1P
Packet Switch
PI7C9X2G608EL PERICOM-PI7C9X2G608EL Datasheet
357Kb / 1P
Packet Switch
PI7C9X2G608GP PERICOM-PI7C9X2G608GP Datasheet
421Kb / 1P
Packet Switch
PI7C9X2G612GP PERICOM-PI7C9X2G612GP Datasheet
420Kb / 1P
Packet Switch
PI7C9X20303SL PERICOM-PI7C9X20303SL Datasheet
80Kb / 1P
Packet Switch
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com