công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM3500E/2K bảng dữ liệu(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCM3500E/2K
Giải thích chi tiết về linh kiện  VOICE/MODEM CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3500E/2K bảng dữ liệu(HTML) 19 Page - Texas Instruments

Back Button PCM3500E/2K Datasheet HTML 15Page - Texas Instruments PCM3500E/2K Datasheet HTML 16Page - Texas Instruments PCM3500E/2K Datasheet HTML 17Page - Texas Instruments PCM3500E/2K Datasheet HTML 18Page - Texas Instruments PCM3500E/2K Datasheet HTML 19Page - Texas Instruments PCM3500E/2K Datasheet HTML 20Page - Texas Instruments PCM3500E/2K Datasheet HTML 21Page - Texas Instruments PCM3500E/2K Datasheet HTML 22Page - Texas Instruments PCM3500E/2K Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
®
19
PCM3500
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tBCKP
BCK Period
600
4000
ns
tBCKH
BCK Pulse Width HIGH
300
2000
ns
tBCKL
BCK Pulse Width LOW
300
2000
ns
tCKFS
Delay Time BCK Falling Edge to FS
–40
40
ns
tFSW
FS Pulse Width HIGH
tBCKP – 60
tBCKP
tBCKP + 60
ns
tFSP
FS Period
1/fS
tDISU
DIN Set Up Time to BCK Rising Edge
60
ns
tDIHD
DIN Hold Time to BCK Rising Edge
60
ns
tCKDO
Delay Time BCK Falling Edge to DOUT
0
80
ns
tHZDO
Delay Time BCK Falling Edge to DOUT Active
20
ns
tDOHZ
Delay Time BCK Falling Edge to DOUT Inactive
19.5
ns
tFSOW
FSO Pulse Width HIGH
tBCKP – 60
tBCKP
tBCKP + 60
ns
tBFSO
Delay Time BCK Falling Edge to FSO
0
80
ns
tR
Rising Time of All Signals
30
ns
tF
Falling Time of All Signals
30
ns
FIGURE 14. Serial Interface Timing for Time Slot Mode Operation (Master Mode).
FIGURE 15. High-Pass Filter Response.
HIGH-PASS FILTER FREQUENCY RESPONSE
STOPBAND CHARACTERISTICS
Normalized Frequency (• f
S /1000 Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0.1
0.2
0.3
0.4
0.5
0
HIGH-PASS FILTER FREQUENCY RESPONSE
PASSBAND CHARACTERISTICS
Normalized Frequency (• f
S /1000 Hz)
0.0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–10
12
3
4
0
t
FSW
High Impedance
High Impedance
t
BCKP
t
CKFS
t
BCKL
t
DISU
t
DIHD
t
BCKH
t
CKDO
t
HZDO
t
DOHZ
t
FSP
NOTES: Timing measurement reference level is (VIH/VIL)/2. Rising and falling time is measured from
10% to 90% of IN/OUT signal swing. Load capacitance of DOUT, FSO, FS, and BCK signal is 50pF.
0.5V
DD
0.5V
DD
0.5V
DD
0.5V
DD
0.5V
DD
t
FSOW
t
BFSO
FS
(output)
BCK
(output)
DIN
(input)
DOUT
(output)
FSO
(output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com