công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM2702E/2KG4 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện PCM2702E/2KG4
Giải thích chi tiết về linh kiện  DIGITAL-TO-ANALOG CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2702E/2KG4 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  PCM2702E/2KG4 Datasheet HTML 1Page - Texas Instruments PCM2702E/2KG4 Datasheet HTML 2Page - Texas Instruments PCM2702E/2KG4 Datasheet HTML 3Page - Texas Instruments PCM2702E/2KG4 Datasheet HTML 4Page - Texas Instruments PCM2702E/2KG4 Datasheet HTML 5Page - Texas Instruments PCM2702E/2KG4 Datasheet HTML 6Page - Texas Instruments PCM2702E/2KG4 Datasheet HTML 7Page - Texas Instruments PCM2702E/2KG4 Datasheet HTML 8Page - Texas Instruments PCM2702E/2KG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
16-Bit Stereo
DIGITAL-TO-ANALOG CONVERTER
with
Interface
FEATURES
q INTEGRATED USB INTERFACE:
Full-Speed Transceiver Supports 12Mbps
Data Transfer
Fully Compliant with the USB 1.0 Specifi-
cation
Adaptive Mode for Isochronous Transfer
Self-Powered Device
q ACCEPTS 16-BIT STEREO AND MONO USB
AUDIO DATA STREAMS
q ANALOG PERFORMANCE (V
CC = 5V):
Dynamic Range: 100dB (typ at 16-bit)
SNR: 105dB (typ)
THD+N: 0.002% (typ at 16-bit)
Full-Scale Output: 3.1VPP
q 8X OVERSAMPLING DIGITAL FILTER:
Passband: 0.454fS
Stopband: 0.546fS
Passband Ripple:
±0.002dB
Stopband Attenuation: –82dB
q SAMPLING RATE (F
S): 32kHz, 44.1kHz, 48kHz
q ON-CHIP CLOCK GENERATOR
WITH SINGLE 12MHz CLOCK SOURCE
q MULTI-FUNCTIONS:
Digital Attenuator: 0dB to –64dB, 1dB/step
Soft Mute
Zero Flag
Suspend Flag
Playback Flag
q DUAL POWER SUPPLIES:
+5V for Analog Portion
+3.3V for Digital Portion
q PACKAGE: SSOP-28
DESCRIPTION
The PCM2702 is a single chip digital-to-analog converter
offering two D/A output channels and an integrated USB 1.0
compliant interface controller. The newly developed SpAct™
(Sampling Period Adaptive Controlled Tracking) system re-
covers a stable, low-jitter clock for internal PLL and DAC
operation from the USB interface audio data.
The PCM2702 is based upon Texas Instruments Enhanced
Multi-level Delta-Sigma Modulator, an 8x oversampling digi-
tal interpolation filter, and an analog output low-pass filter.
The PCM2702 can accept a 48kHz, 44.1kHz and 32kHz
sampling rates, using either 16-bit stereo or monaural audio
data. Digital attenuation and soft-mute features are included,
and are controlled via USB audio class request.
Patents Pending.
SpAct™ is a trademark of Texas Instruments.
PCM2702
PCM2702
SBAS142A – MAY 2000 – REVISED NOVEMBER 2007
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2000-2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
APPLICATIONS
q STAND-ALONE USB AUDIO SPEAKERS
q CRT/LCD INTEGRATED USB AUDIO SPEAKERS
q USB AUDIO AMPLIFIERS
q OTHER USB AUDIO APPLICATIONS


Số phần tương tự - PCM2702E/2KG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
PCM2702E BURR-BROWN-PCM2702E Datasheet
117Kb / 11P
16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
More results

Mô tả tương tự - PCM2702E/2KG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
ANALOG-TO-DIGITAL CONVERTER
TL507 TI1-TL507 Datasheet
118Kb / 7P
ANALOG-TO-DIGITAL CONVERTER
ADS7804 TI1-ADS7804 Datasheet
940Kb / 19P
ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
ANALOG-TO-DIGITAL CONVERTER
ADS7818 TI1-ADS7818_13 Datasheet
668Kb / 21P
ANALOG-TO-DIGITAL CONVERTER
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
ANALOG-to-DIGITAL CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com